Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9014 Datasheet(PDF) 4 Page - EPCOS

Part # B9014
Description  SAW Components Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9014 Datasheet(HTML) 4 Page - EPCOS

  B9014 Datasheet HTML 1Page - EPCOS B9014 Datasheet HTML 2Page - EPCOS B9014 Datasheet HTML 3Page - EPCOS B9014 Datasheet HTML 4Page - EPCOS B9014 Datasheet HTML 5Page - EPCOS B9014 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
April 27, 2004
SAW Components
B9014
1880,0 MHz
Low-Loss Filter for Mobile Communication
Datasheet
Characteristics
Operating Temperature Range:
T
= -30 to +85˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
1) Valid in temperature range -30˚C to +75˚C. Guaranteed for +85˚C: 4,2dB
2) Valid for frequencies from 1935 MHz to 1990 MHz
min.
typ.
max.
Center frequency
fC
—
1880,0
—
MHz
Maximum insertion attenuation
α
max
1850,625 ... 1909,375MHz
—
3,3 1)
3,9 1)
dB
Amplitude ripple (p-p)
∆α
1850,625 ... 1909,375MHz
—
2,0
2,5
dB
Attenuation
α
DC
... 1550,0MHz
32
34
—
dB
1550,0 ... 1580,0MHz
35
39
—
dB
1580,0 ... 1770,0MHz
30
35
—
dB
1770,0 ... 1830,0MHz
14
20
—
dB
1930,625 ... 1989,375MHz
32
45 2)
—dB
1990,0 ... 2032,0MHz
35
41
—
dB
2032,0 ... 2500,0MHz
35
42
—
dB
2500,0 ... 3820,0MHz
25
28
—
dB
3820,0 ... 6000,0MHz
15
19
—
dB
Input return loss
1850,625 ... 1909,375MHz
7
10
—
dB
Output return loss
1850,625 ... 1909,375MHz
7
10
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com