Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC431LP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMC431LP
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC431LP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMC431LP Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC431LP Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC431LP Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC431LP Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC431LP Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC431LP Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC431LP Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC431LP Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC431LP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AMC DOC. #: AMC431_C
AMC431
November
2002
PRECISION ADJUSTABLE SHUNT
VOLTAGE REGULATORS
Copyright
 2002, ADD Microtech Corp.
5
www.addmtek.com
CHARACTERIZATION CURVES
150
800
125
100
600
75
50
400
25
0
200
-25
-50
0
-75
-100
-200
2600
5
2580
2560
4
2540
2520
3
2500
2480
2
2460
2440
1
2420
2400
0
TA – Free-Air Temperature -
°°°°C
TA – Free-Air Temperature -
°°°°C
R1 = 10 k
Ω
Ω
Ω
Ω
R2 =
∞
∞
∞
∞
IKA = 10mA
-75
-50
-25
0
25
50
75
100
125
-75
-50
-25
0
25
50
75
100
125
REFERENCE INPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
REFERENCE INPUT CURRENT
vs
FREE-AIR TEMPERATURE
CATHODE CURRENT
vs
CATHODE VOLTAGE
CATHODE CURRENT
vs
CATHODE VOLTAGE
-1
0
1
2
3
VKA = VREF
TA = 25
°°°°C
-2
-1
0
1
2
3
VKA = VREF
TA = 25
°°°°C
VKA – Cathode Voltage (V)
VKA – Cathode Voltage (V)
Imin
IKA = 100mA
IKA = 10mA
VKA = VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com