Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4064 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC4064
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4064 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC4064 Datasheet HTML 3Page - Renesas Technology Corp UPC4064 Datasheet HTML 4Page - Renesas Technology Corp UPC4064 Datasheet HTML 5Page - Renesas Technology Corp UPC4064 Datasheet HTML 6Page - Renesas Technology Corp UPC4064 Datasheet HTML 7Page - Renesas Technology Corp UPC4064 Datasheet HTML 8Page - Renesas Technology Corp UPC4064 Datasheet HTML 9Page - Renesas Technology Corp UPC4064 Datasheet HTML 10Page - Renesas Technology Corp UPC4064 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
G15166EJ4V0DS
5
µPC4064
VOLTAGE FOLLOWER PULSE RESPONSE
t - Time - s
µ
−5
0
5
INPUT EQUIVALENT NOISE VOLTAGE DENSITY
f - Frequency - Hz
SUPPLY CURRENT
V± - Supply Voltage - V
±5
0
±10
±15
±20
OUTPUT SINK CURRENT LIMIT
OUTPUT SOURCE CURRENT LIMIT
IO SINK - Output Sink Current - mA
IO SOURCE - Output Source Current - mA
−5
−10
−15
+5
+10
+15
V± =
±15 V
V± =
±15 V
V± =
±15 V
RS = 100
Ω
25
°C
−20°C
05
10
15
0
5
10
15
0
5
101520
50
10
40
30
20
10
0
100
1 k
10 k
100 k
500
400
300
200
100
TA = 70
°C
TA = 70
°C
25
°C
−20°C
AV =
+1
RL = 10 k
Ω
CL = 100 pF
V± =
±15 V
−5
0
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com