Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4084 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4084
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4084 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4084 Datasheet HTML 1Page - Renesas Technology Corp UPC4084 Datasheet HTML 2Page - Renesas Technology Corp UPC4084 Datasheet HTML 3Page - Renesas Technology Corp UPC4084 Datasheet HTML 4Page - Renesas Technology Corp UPC4084 Datasheet HTML 5Page - Renesas Technology Corp UPC4084 Datasheet HTML 6Page - Renesas Technology Corp UPC4084 Datasheet HTML 7Page - Renesas Technology Corp UPC4084 Datasheet HTML 8Page - Renesas Technology Corp UPC4084 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4084
J-FET INPUT QUAD OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G15377EJ4V0DS00 (4th edition)
Date Published March 2004 N CP(K)
Printed in Japan
The mark
shows major revised points.
DESCRIPTION
The
µPC4084, is a quad operational amplifier incorporating well matched ion implant P-channel J-FET on the same chip
with standard bipolar transistors. The key features of this op amp is very low input bias current and high slew rate ten times
faster than conventional general purpose op amps. By these features
µPC4084, is excellent choice for wide variety of
applications including integrator, active filter, pulse amp etc.
FEATURES
• Low noise: en = 25 nV/ Hz (TYP.)
• Very low input bias and offset currents
• Output short circuit protection
• High input impedance...J-FET Input stage
• Internal frequency compensation
• High slew rate...13 V/
µs (TYP.)
ORDERING INFORMATION
Part Number
Package
µPC4084C
14-pin plastic DIP (7.62 mm (300))
EQUIVALENT CIRCUIT
R1
R8
R9
R6
D1
R7
R10
R11
D2
Q15
R4
R2
R5
R3
II
IN
Q1
Q2
Q8
Q16
Q9
Q10
Q12
Q13
Q5
Q14
Q3
Q4
Q11
Q6
Q7
C1
OUT
V
–
V
+
PIN CONFIGURATION (Top View)
PC4084C
1
14
23
2
3
4
5
6
7
OUT4
II4
IN4
V−
IN3
II3
OUT3
OUT A
II1
IN1
V+
IN2
II2
OUT2
14
13
12
11
10
9
8
−+
−+
µ
c



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com