Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4084C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC4084C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4084C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC4084C Datasheet HTML 2Page - Renesas Technology Corp UPC4084C Datasheet HTML 3Page - Renesas Technology Corp UPC4084C Datasheet HTML 4Page - Renesas Technology Corp UPC4084C Datasheet HTML 5Page - Renesas Technology Corp UPC4084C Datasheet HTML 6Page - Renesas Technology Corp UPC4084C Datasheet HTML 7Page - Renesas Technology Corp UPC4084C Datasheet HTML 8Page - Renesas Technology Corp UPC4084C Datasheet HTML 9Page - Renesas Technology Corp UPC4084C Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
G15377EJ4V0DS
5
µPC4084
VOLTAGE FOLLOWER PULSE RESPONSE
t - Time - s
µ
INPUT EQUIVALENT NOISE VOLTAGE DENSITY
f - Frequency - Hz
OUTPUT VOLTAGE SWING
RL - Load Resistance -
Ω
SUPPLY CURRENT
V - Supply Voltage - V
30
20
10
100
300
1 k
3 k
10 k
V =
±15 V
0
10
100
1 k
10 k
100 k
V =
±15 V
RS = 100
Ω
104
103
102
10
0
01
2
3
4
AV =
+1
RL = 2 k
Ω
CL = 100 pF
V =
±15 V
−5
0
5
−5
0
5
±
±
±
±
10.0
8.0
6.0
4.0
2.0
0
±5
±10
±15
±20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com