Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4091 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC4091
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4091 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC4091 Datasheet HTML 2Page - Renesas Technology Corp UPC4091 Datasheet HTML 3Page - Renesas Technology Corp UPC4091 Datasheet HTML 4Page - Renesas Technology Corp UPC4091 Datasheet HTML 5Page - Renesas Technology Corp UPC4091 Datasheet HTML 6Page - Renesas Technology Corp UPC4091 Datasheet HTML 7Page - Renesas Technology Corp UPC4091 Datasheet HTML 8Page - Renesas Technology Corp UPC4091 Datasheet HTML 9Page - Renesas Technology Corp UPC4091 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4
µµµµPC4091
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25 °C, TYP.)
20
600
500
400
300
200
100
0
−5
0
0
10
20
30
40
10
20
30
−4
−3
−2
−1
0
0.01
0.1
1.0
10
100
1
2
3
4
5
0
20
40
60
80
100
120
100
1 k
10 k
±10
±20
100 k
1 M
10 M
−40
−20
0
20
TA - Operating Ambient Temperature -
°C
INPUT OFFSET VOLTAGE
INPUT BIAS CURRENT
TA - Operating Ambient Temperature -
°C
40
60
80
1
−20
0
20406080
100
10 k
1 M
1 k
10
100 k
10 M
40
60
80
100
RL = 10 k
Ω
RL = 10 k
Ω
PC4091G2
PC4091C
TA - Operating Ambient Temperature -
°C
f - Frequency - Hz
V± - Supply Voltage - V
LARGE SIGNAL FREQUENCY RESPONSE
OUTPUT VOLTAGE SWING
f - Frequency - Hz
POWER DISSIPATION
OPEN LOOP FREQUENCY RESPONSE
V± =
±15 V
RL = 2 k
Ω
V± =
±15 V
V± =
±15 V
V± =
±15 V
V± =
±10 V
V± =
±5 V
µ
µ
200
°C/W
227
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com