Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4744 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4744
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4744 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4744 Datasheet HTML 1Page - Renesas Technology Corp UPC4744 Datasheet HTML 2Page - Renesas Technology Corp UPC4744 Datasheet HTML 3Page - Renesas Technology Corp UPC4744 Datasheet HTML 4Page - Renesas Technology Corp UPC4744 Datasheet HTML 5Page - Renesas Technology Corp UPC4744 Datasheet HTML 6Page - Renesas Technology Corp UPC4744 Datasheet HTML 7Page - Renesas Technology Corp UPC4744 Datasheet HTML 8Page - Renesas Technology Corp UPC4744 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DATA SHEET
1998
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4744
SINGLE SUPPLY VOLTAGE, HIGH SPEED,
WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
The
µPC4744 is quad high speed, wide band operational amplifier designed for single supply operation from
+3 V to +32 V with low supply current drain. By using high speed PNP transistors for input and output circuits,
the excellent AC performance is achieved without degrading capacitive load drive capability.
With no crossover distortion and wide output voltage range characteristics, the
µPC4744 is optimum choice for
single supply AC amplifier, and active filters.
FEATURES
•
High slew rate: 8.5 V/
µs TYP. (V+ = +5 V, V– = GND)
•
Wide gain band width product: 3.5 MHz TYP. (V+ = +5 V, V– = GND)
•
Wide supply voltage range: +3 V to +32 V
•
Wide output voltage swing
•
Common mode input voltage range includes V–
•
Internal frequency compensation
•
Output short circuit protection
Document No. G13959EJ2V0DS00 (2nd edition)
Date Published March 2004 N CP(K)
Printed in Japan
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION
(Top View)
ORDERING INFORMATION
Part Number
Package
µPC4744C
14-pin plastic DIP (7.62 mm (300))
µPC4744G2
14-pin plastic SOP (5.72 mm (225))
Q7
Q8
Q9
Q10
Q11
Q12
Q18
Q19
Q20
Q17
Q16
Q15
Q13
Q14
Q6
Q5
Q2
Q3
Q4
Q1
OUT
V–
IN
II
V+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT1
IN1
IN2
II2
OUT2
II1
V+
OUT4
IN4
IN3
II3
OUT3
II4
V–
–
+
+
–
23
14
PC4744C, 4744G2
–
+
+
–
µ
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com