Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8102T Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC8102T
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8102T Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC8102T Datasheet HTML 14Page - Renesas Technology Corp UPC8102T Datasheet HTML 15Page - Renesas Technology Corp UPC8102T Datasheet HTML 16Page - Renesas Technology Corp UPC8102T Datasheet HTML 17Page - Renesas Technology Corp UPC8102T Datasheet HTML 18Page - Renesas Technology Corp UPC8102T Datasheet HTML 19Page - Renesas Technology Corp UPC8102T Datasheet HTML 20Page - Renesas Technology Corp UPC8102T Datasheet HTML 21Page - Renesas Technology Corp UPC8102T Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
µPC8102T
19
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired oscillation).
(3) Keep the track length of the ground pins as short as possible.
(4) The bypass capacitor (eg 1 000 pF) should be attached to the VCC pin.
(5) The matching circuit must be each attached to input and output pins.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering methods and conditions
than the recommended conditions are to be consulted with our sales representatives.
µPC8102T
Soldering process
Soldering conditions
Recommended condition
symbol
Infrared ray reflow
Package peak temperature: 235 ˚C,
IR35-00-3
Hour: within 30 s. (more than 210 ˚C),
Time: 3 time, Limited days: no.*
VPS
Package peak temperature: 215 ˚C,
VP15-00-3
Hour: within 40 s. (more than 200 ˚C),
Time: 3 time, Limited days: no.*
Wave Soldering
Soldering tub temperature: less than 260 ˚C, Hour: within 10 s.
WS60-00-1
Time: 1 time, Limited days: no.*
Pin part heating
Pin area temperature: less than 300 ˚C, Hour: within 3 s/pin.
Limited days: no.*
* It is the storage days after opening a dry pack, the storage conditions are 25 ˚C, less than 65 % RH.
Note
The combined use of soldering method is to be avoided (However, except the pin area heating method).
For details of recommended soldering conditions for surface mounting, refer to information document SEMICON-
DUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535EJ7V0IF00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com