Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8802IPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8802IPW
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8802IPW Datasheet(HTML) 5 Page - Texas Instruments

  DAC8802IPW Datasheet HTML 1Page - Texas Instruments DAC8802IPW Datasheet HTML 2Page - Texas Instruments DAC8802IPW Datasheet HTML 3Page - Texas Instruments DAC8802IPW Datasheet HTML 4Page - Texas Instruments DAC8802IPW Datasheet HTML 5Page - Texas Instruments DAC8802IPW Datasheet HTML 6Page - Texas Instruments DAC8802IPW Datasheet HTML 7Page - Texas Instruments DAC8802IPW Datasheet HTML 8Page - Texas Instruments DAC8802IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
DGND
DAC8802
(TOP VIEW)
AGNDA
IOUTA
VREFA
RFBA
RFBB
VREFB
IOUTB
AGNDB
LDAC
MSB
RS
VDD
CS
CLK
SDI
DAC8802
SBAS351A – AUGUST 2005 – REVISED DECEMBER 2005
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
1
RFBA
Establish voltage output for DAC A by connecting to external amplifier output.
DAC A Reference voltage input terminal. Establishes DAC A full-scale output voltage.
2
VREFA
Can be tied to VDD pin.
3
IOUTA
DAC A Current output.
4
AGNDA
DAC A Analog ground.
5
AGNDB
DAC B Analog ground.
6
IOUTB
DAC B Current output.
DAC B Reference voltage input terminal. Establishes DAC B full-scale output voltage.
7
VREFB
Can be tied to VDD pin.
8
RFBB
Establish voltage output for DAC B by connecting to external amplifier output.
9
SDI
Serial data input; data loads directly into the shift register.
Reset pin; active low input. Input registers and DAC registers are set to all 0s or midscale.
10
RS
Register data = 0x0000 when MSB = 0. Register data = 0x2000 when MSB = 1 for
DAC8802.
Chip-select; active low input. Disables shift register loading when high. Transfers serial
11
CS
register data to input register when CS/LDAC goes high. Does not affect LDAC operation.
12
DGND
Digital ground.
13
VDD
Positive power-supply input. Specified range of operation is 2.7 V to 5.5 V.
MSB bit sets output to either 0 or midscale during a RESET pulse (RS) or at system
14
MSB
power-on. Output equals zero scale when MSB = 0 and midscale when MSB = 1. MSB
pin can be permanently tied to ground or VDD.
Load DAC register strobe; level sensitive active low. Transfers all input register data to
15
LDAC
the DAC registers. Asynchronous active low input. See Table 2 for operation.
16
CLK
Clock input. Positive edge clocks data into shift register.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com