Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EP13
Description  COUPLING TRANSFORMER SERIES EP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EP13 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- Using Ferrite EP cores these transformers are capable of
handling 2.5mA to 5mA DC unbalanced. They are good for
coupling and for RF telecommunication equipment.
Part
Number
ELECTRICAL SPECIFICATION AT 25°C
ELECTRICAL SPECIFICATION AT 25°C
EP13-0191
EP13-0192
EP17-0181
EP17-0182
EP20-0171
EP20-0172
EP20-0173
EP20-0174
600
900
600
900
600
600/SPLIT
600
900/SPLIT
Pri
Z
(
Ω )
600
900
600
900
600
600
900
600
Sec
Z
(
Ω )
Max
Unbalance
( DC mA )
NA
NA
2.5
2.5
5
5
5
4
Lp min @
1 KHz 1 V
( mH )
Insertion
Loss @
1 KHz
( db )
Max
Size
Break-down
voltage ( VRMS )
Pri to Sec
Return
loss ( db )
ERL min
Longitudinal
balance min
( db )
750
1000
750
1000
750
750
750
1250
1.0
1.0
1.0
1.0
0.8
0.8
0.8
0.8
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
60
60
60
60
60
60
60
60
26
26
22
22
26
26
26
26
1000 Volts
1000 Volts
1000 Volts
1000 Volts
1500 Volts
1500 Volts
1500 Volts
1500 Volts
1
1
2
2
3
3
3
3
O
O
O
O
O
1
2
3
4
5
6
7
A
Size
Width
Max
A
Lead
spacing
nominal
F
1
2
3
13.85
20.10
22.10
Lead
length
nominal
E
Spacing
between
2 windings
nominal
D
Height
Max
C
Length
Max
B
13.85
20.10
25.50
10.16
15.24
17.78 ±0.13
4.7
5.0
6.35
NOTE
NOTE
EP 13 & 17 are also available with 8 terminal bobbins, instead of 10 as per drawing.
In this case, primary will be pins 1 and 4, and secondary will be pins 5 and 8.
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN MILLIMETERS
D
13.20
15.50
20.35
2.54
5.08
5.08
NOTE:
NOTE: In the configuration of split primary, pins 1 and 4 for primary 1, and pins 2 and 5 for primary 2.
SCHEMATIC
SCHEMATIC
2
9
7
4
1
4
5
8
FOR EP20
1
4
2
5
7
9
SPLIT PRIMARY
B
FOR EP13 & 17
89
BOTTOM VIEW
C
COUPLING TRANSFORMER
COUPLING TRANSFORMER
SERIES EP
SERIES EP
O
O
O
O
O
F
Frequency
Response
( db )
300 Hz to 3500 Hz
9
10
8
E
Associated Components Technology Phone 800 / 234-2645 Fax 714 / 265-4810


Similar Part No. - EP13

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EP13 ECLIPTEK-EP13 Datasheet
115Kb / 2P
OSCILLATOR
logo
YUXIANG Magnetc materia...
EP13 YUXIANG-EP13 Datasheet
105Kb / 2P
EP Core
logo
Ferroxcube Internationa...
EP13 FERROXCUBE-EP13 Datasheet
84Kb / 8P
EP cores and accessories
logo
Rhombus Industries Inc.
EP13 RHOMBUS-IND-EP13 Datasheet
36Kb / 1P
ADSL Line Interface Transformers
logo
Pulse A Technitrol Comp...
EP13 PULSE-EP13 Datasheet
1Mb / 3P
POWER MAGNETICS
More results

Similar Description - EP13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
70P7293 ETC-70P7293 Datasheet
8Kb / 1P
Coupling Signal Transformer
logo
Filtran LTD
7236 FILTRAN-7236 Datasheet
146Kb / 1P
AUDIO Coupling Transformer
logo
Sumida Corporation
EP1311C SUMIDA-EP1311C Datasheet
141Kb / 1P
ADSL Transformer< Pin Type: EP Series>
logo
Rhombus Industries Inc.
T-600 RHOMBUS-IND-T-600 Datasheet
18Kb / 1P
Modem Coupling Transformer
11/3/99
T-1160 RHOMBUS-IND-T-1160 Datasheet
23Kb / 1P
COUPLING TRANSFORMER
logo
XFMRS Inc.
XF0023C XFMRS-XF0023C Datasheet
40Kb / 1P
Data Coupling Transformer
logo
LinkCom Manufacturing C...
LCT0156-70 LINKCOM-LCT0156-70 Datasheet
54Kb / 1P
Coupling Transformer
LCT0158-70 LINKCOM-LCT0158-70 Datasheet
34Kb / 1P
Coupling Transformer
logo
Sumida Corporation
EP1311D SUMIDA-EP1311D Datasheet
135Kb / 1P
ADSL Transformer< Pin Type: EP Series>
logo
Allied Components Inter...
AEI14-4440 ALLIED-AEI14-4440 Datasheet
905Kb / 1P
Coupling Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com