Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8802IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8802IPWR
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8802IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8802IPWR Datasheet HTML 8Page - Texas Instruments DAC8802IPWR Datasheet HTML 9Page - Texas Instruments DAC8802IPWR Datasheet HTML 10Page - Texas Instruments DAC8802IPWR Datasheet HTML 11Page - Texas Instruments DAC8802IPWR Datasheet HTML 12Page - Texas Instruments DAC8802IPWR Datasheet HTML 13Page - Texas Instruments DAC8802IPWR Datasheet HTML 14Page - Texas Instruments DAC8802IPWR Datasheet HTML 15Page - Texas Instruments DAC8802IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ti.com
IOUTX
+
+
DGND
VDD
RFBX
AGNDX
Analog
Power
Supply
Load
15 V
2R
5 V
R
15 V
VEE
VCC
VOUT
A1
DGND
VREFX
R
R
R
2R
2R
2R
R
5 k
Ω
S2
S1
Digital interface onnections are omitted for clarity.
Switches S1 and S2 are closed; V
must be powered.
DD
c
14
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
A0
A1
A
B
DAC
Decode
Input
Register
Input
Register
DAC A
Register
DAC B
Register
R
R
R
R
DAC A
DAC B
Set
MSB
Set
MSB
Power-On
Reset
DGND
MSB
LDAC
RS
V
DD
V
A B
REF
R A
FB
I
A
OUT
A
A
GND
A
B
GND
I
B
OUT
R B
FB
CS
CLK
SDI
EN
DAC8802
SBAS351A – AUGUST 2005 – REVISED DECEMBER 2005
Figure 15 shows the gain vs frequency performance at various attenuation settings using a 3 pF external
feedback capacitor connected across the IOUTX and RFBX terminals. In order to maintain good analog
performance, power supply bypassing of 0.01 µF, in parallel with 1 µF, is recommended. Under these conditions,
a clean power supply with low ripple voltage capability should be used. Switching power supplies is usually not
suitable for this application due to the higher ripple voltage and PSS frequency-dependent characteristics. It is
best to derive the DAC8802 5-V supply from the system analog supply voltages (do not use the digital 5-V
supply); see Figure 31.
Figure 31. Recommended Kelvin-Sensed Hookup
Figure 32. System Level Digital Interfacing
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com