Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3934AN Datasheet(PDF) 9 Page - STMicroelectronics

Part # L3934AN
Description  SPEECH AND 14 MEMORY DIALER WITH HOLD FUNCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3934AN Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L3934AN Datasheet HTML 5Page - STMicroelectronics L3934AN Datasheet HTML 6Page - STMicroelectronics L3934AN Datasheet HTML 7Page - STMicroelectronics L3934AN Datasheet HTML 8Page - STMicroelectronics L3934AN Datasheet HTML 9Page - STMicroelectronics L3934AN Datasheet HTML 10Page - STMicroelectronics L3934AN Datasheet HTML 11Page - STMicroelectronics L3934AN Datasheet HTML 12Page - STMicroelectronics L3934AN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2.25K
470nF
22nF
GDTMF
22
23
VDD
IDD
VLN
6
PULSE
470K
VDD
3.58MHz
5
OSC
7
MODE
SW2
PULSE
TONE
/PT
100K
8
HKS
9
SW1
GND
10
RXOUT
11
GRX
100K
RGRX
10
µF
300
Ω
Re
13
IREF
3.6K
14
VCC
100
µF
12
RGIN
620
Ω
V1
ICC
100nF
4
3
2
1
C4
C3
C2
C1
28
27
26
25
R1
R2
R3
R4
24
R5
E1 E2 E3 MEM
* 0#
789
456
123
P/LND
PROG
FLASH
21
MIC+
20
MIC-
2.2K
1
µF
1
µF
RGTX 68K
GTX
19
4.7
µF
18
REG
RA
17
16
15
ILED
LN
LED
ILINE
RB
130K
390
Ω
20
Ω
390
Ω
3.9K
D95TL169
100
µF
600
Ω
IL
ICC =
V1
VCC
RDTMF
HOLD
TEST CIRCUITS
Figure 3.
2.25K
470nF
22nF
GDTMF
22
23
VDD
IMR
6
PULSE
470K
3.58MHz
5
OSC
7
MODE
SW2
PULSE
TONE
/PT
100K
8
HKS
9
SW1
GND
10
RXOUT
11
GRX
RGRX
10
µF
300
Ω
Re
13
IREF
3.6K
14
VCC
100
µF
12
RGIN
620
Ω
100nF
4
3
2
1
C4
C3
C2
C1
28
27
26
25
R1
R2
R3
R4
24
R5
E1 E2 E3
MEM
* 0#
78
9
45
6
12
3
P/LND
PROG
FLASH
21
MIC+
20
MIC-
2.2K
1
µF
1
µF
RGTX
GTX
19
4.7
µF
18
REG
17
16
15
ILED
LN
LED
ILINE
130K
390
Ω
20
Ω
390
Ω
3.9K
D95TL170
VMR
HOLD
Figure 4.
L3914A - L3924A - L3934A
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com