Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP23P06V Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTP23P06V
Description  Power MOSFET 23 Amps, 60 Volts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP23P06V Datasheet(HTML) 2 Page - ON Semiconductor

  MTP23P06V Datasheet HTML 1Page - ON Semiconductor MTP23P06V Datasheet HTML 2Page - ON Semiconductor MTP23P06V Datasheet HTML 3Page - ON Semiconductor MTP23P06V Datasheet HTML 4Page - ON Semiconductor MTP23P06V Datasheet HTML 5Page - ON Semiconductor MTP23P06V Datasheet HTML 6Page - ON Semiconductor MTP23P06V Datasheet HTML 7Page - ON Semiconductor MTP23P06V Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP23P06V
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
–
–
60.5
–
–
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
–
–
–
–
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 15 Vdc, VDS = 0 Vdc)
IGSS
–
–
100
nAdc
ON CHARACTERISTICS (Note 1.)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
–
2.8
5.3
4.0
–
Vdc
mV/
°C
Static Drain–Source On–Resistance (VGS = 10 Vdc, ID = 11.5 Adc)
RDS(on)
–
0.093
0.12
Ohm
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 23 Adc)
(VGS = 10 Vdc, ID = 11.5 Adc, TJ = 150°C)
VDS(on)
–
–
–
–
3.3
3.2
Vdc
Forward Transconductance
(VDS = 10.9 Vdc, ID = 11.5 Adc)
gFS
5.0
11.5
–
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0 Vd
Ciss
–
1160
1620
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
–
380
530
Transfer Capacitance
f = 1.0 MHz)
Crss
–
105
210
SWITCHING CHARACTERISTICS (Note 2.)
Turn–On Delay Time
td(on)
–
13.8
30
ns
Rise Time
(VDD = 30 Vdc, ID = 23 Adc,
VGS =10Vdc
tr
–
98.3
200
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
–
41
80
Fall Time
RG 9.1 Ω)
tf
–
62
120
Gate Charge
(S
Fi
8)
QT
–
38
50
nC
(See Figure 8)
(VDS = 48 Vdc, ID = 23 Adc,
Q1
–
7.0
–
(VDS 48 Vdc, ID 23 Adc,
VGS = 10 Vdc)
Q2
–
18
–
Q3
–
14
–
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 23 Adc, VGS = 0 Vdc)
(IS = 23 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
–
–
2.2
1.8
3.5
–
Vdc
Reverse Recovery Time
trr
–
142.2
–
ns
(IS 23 Adc VGS 0 Vdc
ta
–
100.5
–
(IS = 23 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
–
41.7
–
Reverse Recovery Stored
Charge
dIS/dt = 100 A/µs)
QRR
–
0.804
–
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
LD
–
3.5
4.5
–
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
–
7.5
–
nH
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com