Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H2D Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC3H2D
Description  Mini-flat Half Pitch Package, High CMR Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2D Datasheet(HTML) 2 Page - Sharp Corporation

  PC3H2D Datasheet HTML 1Page - Sharp Corporation PC3H2D Datasheet HTML 2Page - Sharp Corporation PC3H2D Datasheet HTML 3Page - Sharp Corporation PC3H2D Datasheet HTML 4Page - Sharp Corporation PC3H2D Datasheet HTML 5Page - Sharp Corporation PC3H2D Datasheet HTML 6Page - Sharp Corporation PC3H2D Datasheet HTML 7Page - Sharp Corporation PC3H2D Datasheet HTML 8Page - Sharp Corporation PC3H2D Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
■ Internal Connection Diagram
Anode
Cathode
Emitter
Collector
1
1
2
3
4
2
4
3
2
Sheet No.: D2-A01101EN
■ Outline Dimensions
(Unit : mm)
S
3H2
1
2
4
3
5.3±
0.3
7.0+
0.2
−0.7
(1.7)
0.5+
0.4
−0.2
Anode mark
Epoxy resin
Rank mark
Date code
4.4±
0.2
SHARP mark "S"
Product mass : approx. 0.05g
*( ): Reference dimensions
PC3H2 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com