Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2500AIT-ES2/2 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PS2500AIT-ES2/2
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500AIT-ES2/2 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PS2500AIT-ES2/2 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS2500AIT-ES2/2 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS2500AIT-ES2/2 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS2500AIT-ES2/2 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS2500AIT-ES2/2 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS2500AIT-ES2/2 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS2500AIT-ES2/2 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS2500AIT-ES2/2 Datasheet HTML 24Page - List of Unclassifed Manufacturers PS2500AIT-ES2/2 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 21 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
Auxiliary Synthesizer Registers
Figure 7: Hex3 Auxiliary Divider Register (Write only)
This register contains the integer portion closest to the desired fractional-N (or integer-N) value minus 32
for the auxiliary synthesizer. This register, in conjunction with the auxiliary dividend register, which
controls the fraction offset (from - 0.5 to + 0.5) permits selection of a precise frequency.
Values to be loaded are:
• Auxiliary Synthesizer Divider Index = 9-bit value for the integer portion of the auxiliary synthesizer
dividers. Valid values for this register are from 6 to 505 (fractional-N) or from 0 to 511 (integer-N).
Figure 8: Hex4 Auxiliary Dividend Register (Write only)
This register controls the fraction part of the desired fractional-N value and permits an offset of - 0.5 to +
0.5 to the auxiliary integer selected through the Auxiliary Divider Register.
Values to be loaded are:
• Auxiliary Synthesizer Dividend = 10-bit value for the dividend for the auxiliary synthesizer.
For information on programming these registers, see “Synthesizer Register Programming” on page 6. For
information on loading order for these registers, see “Register Loading Order” on page 9.
Auxiliary Synthesizer Divider Index
A3
0
1
2
3
4
5
6
7
8
9
10
11
0
A0
A1
A2
0
1
1
X
X
X
Auxiliary Synthesizer Dividend
A3
0
1
2
3
4
5
6
7
8
9
10
11
0
A0
A1
A2
1
0
0
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com