Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1104 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1104
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1104 Datasheet HTML 1Page - Semtech Corporation SC1104 Datasheet HTML 2Page - Semtech Corporation SC1104 Datasheet HTML 3Page - Semtech Corporation SC1104 Datasheet HTML 4Page - Semtech Corporation SC1104 Datasheet HTML 5Page - Semtech Corporation SC1104 Datasheet HTML 6Page - Semtech Corporation SC1104 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
©
2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1104A/B
PRELIMINARY
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
y
e
ll
a
V
p
m
a
RV
V
V
5
7
.
4
≤ V
C
C
V
6
.
2
10
.
1V
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
Mc
d
X
A
M
V
C
C
)
z
H
k
0
0
3
(
V
2
1
=5
9%
V
C
C
)
z
H
k
0
0
6
(
V
5
=0
9
s
r
e
v
i
r
D
T
E
F
S
O
M
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
D
A
4
0
1
1
C
S
I
H
D
t
,
%
2
<
.
c
.
d
W
P
s
µ
0
0
1
<
V
S
G
)
c
r
s
(
V
5
.
4
=
V
S
G
)
k
n
s
(
V
5
.
2
=
7
.
0A
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
L
D
A
4
0
1
1
C
S
I
L
D
7
.
0
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
D
B
4
0
1
1
C
S
I
H
D
t
,
%
2
<
.
c
.
d
W
P
s
µ
0
0
1
<
V
S
G
)
c
r
s
(
V
5
.
4
=
V
S
G
)
k
n
s
(
V
5
.
2
=
5
.
0A
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
L
D
B
4
0
1
1
C
S
I
L
D
5
.
0
e
m
i
T
ll
a
F
/
e
s
i
R
H
Df
t
,
r
tC
L
2
.
g
i
F
e
e
S
,
F
p
0
0
0
3
=0
5s
n
e
m
i
T
ll
a
F
/
e
s
i
R
L
Df
t
,
r
tC
L
2
.
g
i
F
e
e
S
,
F
p
0
0
0
4
=0
5
e
m
i
T
d
a
e
Dt
t
d
2
.
g
i
F
e
e
S0
8s
n
e
m
i
T
f
f
O
m
u
m
i
n
i
M
H
Dt
F
F
O
V
5
7
.
4
c
c
V
V
6
.
2
10
6
1
n
o
i
t
c
e
S
e
c
n
e
r
e
f
e
R
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
V
5
7
.
4
c
c
V
V
6
.
2
10
9
9
.
00
0
0
.
10
1
0
.
1V
y
c
a
r
u
c
c
A
e
c
n
e
r
e
f
e
RT
<
0
4
-
A
C
°
5
8
<1
-1
%
t
i
m
i
L
t
n
e
r
r
u
C
e
g
a
t
l
o
V
p
i
r
TV
p
r
t
V
5
7
.
4<
c
c
V<
V
6
.
2
1
V
p
r
t
V
-
c
c
V
=
E
S
A
H
P
0
8
10
0
20
2
2V
m
e
l
b
a
n
E
/
t
r
a
t
S
-
t
f
o
S
t
n
e
r
r
u
C
e
c
r
u
o
S
S
SI
C
R
S
V
P
M
O
C
V
5
.
2
<5
.
1A
µ
t
n
e
r
r
u
C
k
n
i
S
S
SI
K
N
S
V
P
M
O
C
V
5
.
0
>5
.
1
d
l
o
h
s
e
r
h
T
t
u
p
n
I
e
l
b
a
n
E
1V
t
n
e
r
r
u
C
t
u
p
n
I
e
l
b
a
n
EV
P
M
O
C
V
8
.
0
=2
A
m
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
d
l
o
h
s
e
r
h
T
O
L
V
UV
h
t
T
<
0
4
-
A
C
°
5
8
<9
.
35
1
.
45
.
4V
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
t
n
i
o
P
p
i
r
T
e
r
u
t
a
r
e
p
m
e
T
r
e
v
OT
P
T
O
0
5
1C
°
Unless specified: A: V
CC = 12 ± 0.6V,
V
BST = 23 ± 1V, VOUT = 3.3V, TA = 25
oC.
B: V
CC = 5 ± 0.25V,
V
BST = 12 ± 0.6V, VOUT = 2.0V, TA = 25
oC
Note: 1. This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com