Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDLP223 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDLP223
Description  3.3 V Clock Synthesizer for DLP TM Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDLP223 Datasheet(HTML) 5 Page - Texas Instruments

  CDCDLP223 Datasheet HTML 1Page - Texas Instruments CDCDLP223 Datasheet HTML 2Page - Texas Instruments CDCDLP223 Datasheet HTML 3Page - Texas Instruments CDCDLP223 Datasheet HTML 4Page - Texas Instruments CDCDLP223 Datasheet HTML 5Page - Texas Instruments CDCDLP223 Datasheet HTML 6Page - Texas Instruments CDCDLP223 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.ti.com
APPLICATION INFORMATION
CDCD5704
400MHz
CDCDLP223
100MHz
320MHz
Spread
DLP
TM ProcessorChip
XDR
DRAM
Clock
Distribution
PLL
xN
20MHz
ClockC
ClockB
X?
DivbyC
X?
DivbyB
2
2
2
20MHz
SCLK
DMD
Control
Logic
Spread
NoSpread
Spread
ClockA
X?
Divby A
.
.
.
3.3V
SDATA
EN
3.3V
ID0
ID0
ID1
IREF
ISET
CDCDLP223
SCAS836 – DECEMBER 2006
Figure 1. Timing Diagram, Serial Control Interface
Figure 2. Typical CDCDLP223 Application
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com