Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201HS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG201HS
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201HS Datasheet(HTML) 4 Page - Vishay Siliconix

  DG201HS Datasheet HTML 1Page - Vishay Siliconix DG201HS Datasheet HTML 2Page - Vishay Siliconix DG201HS Datasheet HTML 3Page - Vishay Siliconix DG201HS Datasheet HTML 4Page - Vishay Siliconix DG201HS Datasheet HTML 5Page - Vishay Siliconix DG201HS Datasheet HTML 6Page - Vishay Siliconix DG201HS Datasheet HTML 7Page - Vishay Siliconix DG201HS Datasheet HTML 8Page - Vishay Siliconix DG201HS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DG201HS
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-4
Document Number: 70038
S-52433—Rev. F, 06-Sep-99
SPECIFICATIONSa FOR SINGLE SUPPLY
Test Conditions
Unless Specified
V+ =10 8Vto16 5 V
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 10.8 V to 16.5 V
V– = GND = 0 V
VIN = 3 V, 0.8 Vf
Tempb
Typc
Mind
Maxd Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
V+
0
V+
V
Drain-Source On-Resistance
rDS(on)
IS = –10 mA, VD = 8.5 V
V+ = 10.8 V
Room
Full
65
90
120
90
120
W
Switch Off Leakage Current
IS(off)
V+ = 16.5 V, VS = 0.5 V, 10 V
V10 V 0 5 V
Room
Full
0.1
–1
–60
1
60
–1
–20
1
20
A
Switch Off Leakage Current
ID(off)
,
S
,
VD = 10 V, 0.5 V
Room
Full
0.1
–1
–60
1
60
–1
–20
1
20
nA
Channel On Leakage
Current
ID(on) +
IS(on)
V+ = 16.5 V, VD = 0.5 V, 10 V
Room
Full
0.1
–1
–60
1
60
–1
–20
1
20
Digital Control
Input, High Voltage
VINH
Full
2.4
2.4
V
Input, Low Voltage
VINL
Full
0.8
0.8
V
Input Capacitance
Cin
Full
5
pF
Input Current
IINL or IINH
V+ = 16.5 V
VIN under test = 0.8 V, 3 V
Full
–1
1
–1
1
mA
Dynamic Characteristics
Turn-On Time
tON
R1 k
W C35 F V
2 V
Room
Full
50
70
50
70
Turn-Off Time
tOFF1
RL = 1 kW, CL = 35 pF, VS = 2 V
V= 10.8 V, See Figure 2
Room
Full
50
70
50
70
ns
tOFF2
Room
150
Output Settling Time to 0.1%
ts
Room
180
Charge Injection
Q
CL = 1 nF, VS = 0 V
Vgen = 0 V, Rgen = 0 W
Room
10
pC
Off Isloation
OIRR
RL = 1 kW, CL = 10 pF
f = 100 kHz
Room
85
dB
Crosstalk
(Channel-to-Channel)
XTALK
Any Other Channel Switches
RL = 1 kW, CL = 10 pF
f = 100 kHz
Room
100
dB
Source Off Capacitance
CS(off)
f = 1 MHz
Room
10
F
Drain Off Capacitance
CD(off)
f = 1 MHz
Room
10
pF
Channel On Capacitance
CD(on)
VANALOG = 0 V
Room
30
Power Supplies
Positive Supply Current
I+
V+ = 15 V, VIN = 0 or 5 V
Full
10
10
mA
Power Consumptionc
PC
V+ = 15 V, VIN = 0 or 5 V
Full
150
150
mW
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com