Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201HSAK/883 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG201HSAK/883
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201HSAK/883 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG201HSAK/883 Datasheet HTML 1Page - Vishay Siliconix DG201HSAK/883 Datasheet HTML 2Page - Vishay Siliconix DG201HSAK/883 Datasheet HTML 3Page - Vishay Siliconix DG201HSAK/883 Datasheet HTML 4Page - Vishay Siliconix DG201HSAK/883 Datasheet HTML 5Page - Vishay Siliconix DG201HSAK/883 Datasheet HTML 6Page - Vishay Siliconix DG201HSAK/883 Datasheet HTML 7Page - Vishay Siliconix DG201HSAK/883 Datasheet HTML 8Page - Vishay Siliconix DG201HSAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DG201HS
Vishay Siliconix
Document Number: 70038
S-52433—Rev. F, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-3
SPECIFICATIONSa
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 3 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
V–
V+
V–
V+
V
Drain-Source On-Resistance
rDS(on)
IS = –10 mA, VD = "8.5 V
V+ = 13.5 V, V– = –13.5 V
Room
Full
25
50
75
50
75
W
rDS(on) Match
Room
3
%
Switch Off Leakage Current
IS(off)
V+ = 16.5 V, V– = –16.5 V
VD= "15.5 V
Room
Full
0.1
–1
–60
1
60
–1
–20
1
20
A
Switch Off Leakage Current
ID(off)
VD = "15.5 V
VS = #15.5 V
Room
Full
0.1
–1
–60
1
60
–1
–20
1
20
nA
Channel On Leakage Current
ID(on)
V+ = 16.5 V, V– = –16.5 V
VS = VD = #15.5 V
Room
Full
0.1
–1
–60
1
60
–1
–20
1
20
Digital Control
Input, High Voltage
VINH
Full
2.4
2.4
V
Input, Low Voltage
VINL
Full
0.8
0.8
V
Input Capacitance
Cin
Full
5
pF
Input Current
IINL or IINH
VIN under test = 0.8 V, 3 V
Full
–1
1
–1
1
mA
Dynamic Characteristics
Turn-On Time
tON
RL = 1 kW, CL = 35 pF
Room
Full
48
60
75
60
75
Turn-Off Time
tOFF1
RL = 1 kW, CL = 35 pF
VS = "10 V, VINH = 3 V
See Figure 2
Room
Full
30
50
70
50
70
ns
tOFF2
Room
150
Output Settling Time to 0.1%
ts
Room
180
Charge Injection
Q
CL = 1 nF, VS = 0 V
Vgen = 0 V, Rgen = 0 W
Room
–5
pC
OFF Isloation
OIRR
RL = 1 kW, CL = 10 pF
f = 100 kHz
Room
85
dB
Crosstalk
(Channel-to-Channel)
XTALK
Any Other Channel Switches
RL = 1 kW, CL = 10 pF
f = 100 kHz
Room
100
dB
Source Off Capacitance
CS(off)
VV
0 V f
1 MH
Room
8
F
Drain Off Capacitance
CD(off)
VS, VD = 0 V, f = 1 MHz
Room
8
pF
Channel On Capacitance
CD(on)
VS, VD = 0 V, f = 1 MHz
Room
30
pF
Drain-to-Source Capacitance
CDS(off)
Room
0.5
Power Supplies
Positive Supply Current
I+
V+
15 V V
15 V
Room
Full
4.5
10
10
mA
Negative Supply Current
I–
V+ = 15 V, V– = –15 V
VIN = 0 or 5 V
Room
Full
3.5
–6
–6
mA
Power Consumptionc
PC
Full
240
240
mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com