Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2522AF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU2522AF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2522AF Datasheet(HTML) 3 Page - NXP Semiconductors

  BU2522AF Datasheet HTML 1Page - NXP Semiconductors BU2522AF Datasheet HTML 2Page - NXP Semiconductors BU2522AF Datasheet HTML 3Page - NXP Semiconductors BU2522AF Datasheet HTML 4Page - NXP Semiconductors BU2522AF Datasheet HTML 5Page - NXP Semiconductors BU2522AF Datasheet HTML 6Page - NXP Semiconductors BU2522AF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522AF
Fig.1. Test circuit for V
CEOsust.
Fig.2. Oscilloscope display for V
CEOsust.
Fig.3. Switching times waveforms (64 kHz).
Fig.4. Switching times definitions.
Fig.5. Switching times test circuit.
Fig.6. Test Circuit RBSOA. V
CC = 140 V; -VBB = 4 V;
L
C = 100 - 400 µH; VCL ≤ 1500 V; LB = 3 µH;
C
FB = 1 - 2.2 nF; IB(end) = 1.6 - 2 A
+ 50v
100-200R
Horizontal
Vertical
Oscilloscope
1R
6V
30-60 Hz
100R
ICsat
90 %
10 %
tf
ts
IBend
IC
IB
t
t
- IBM
VCE / V
min
VCEOsust
IC / mA
100
200
250
0
+ 150 v nominal
adjust for ICsat
Lc
Cfb
T.U.T.
LB
IBend
-VBB
V
ICsat
I
end
16 us
6.5 us
5 us
t
t
t
TRANSISTOR
DIODE
B
I C
I B
CE
LB
IBend
-VBB
LC
T.U.T.
VCC
VCL
CFB
September 1997
3
Rev 1.400



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com