Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX415AL Datasheet(PDF) 9 Page - Sony Corporation

Part # ICX415AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX415AL Datasheet(HTML) 9 Page - Sony Corporation

Back Button ICX415AL Datasheet HTML 5Page - Sony Corporation ICX415AL Datasheet HTML 6Page - Sony Corporation ICX415AL Datasheet HTML 7Page - Sony Corporation ICX415AL Datasheet HTML 8Page - Sony Corporation ICX415AL Datasheet HTML 9Page - Sony Corporation ICX415AL Datasheet HTML 10Page - Sony Corporation ICX415AL Datasheet HTML 11Page - Sony Corporation ICX415AL Datasheet HTML 12Page - Sony Corporation ICX415AL Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
– 9 –
ICX415AL
∗1 The overlap period of twh and twl of horizontal transfer clocks Hφ
1
and H
φ2 is two.
Clock Switching Characteristics (Horizontal drive frequency: 29.5MHz)
Min.
twh
Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
2.3
9.5
9.5
4
0.7
2.5
12.0
12.0
7
0.8
9.5
9.5
12.0
12.0
22
0.5
5.0
5.0
2
7.5
7.5
0.5
15
0.5
5.0
5.0
3
250
7.5
7.5
0.5
Unit
µs
ns
ns
ns
µs
Remarks
During
readout
When using
CXD3400N
tf
≥ tr – 2ns
When draining
charge
Item
Readout clock
Vertical transfer
clock
Horizontal
transfer clock
Reset gate clock
Substrate clock
Symbol
VT
V
φ1, Vφ2,
V
φ3
H
φ1
H
φ2
φRG
φSUB
Min.
two
Typ. Max.
7.5 9.5
Unit
ns
Remarks
Item
Horizontal transfer clock
Symbol
H
φ1, Hφ2
∗1
Clock Switching Characteristics (Horizontal drive frequency: 14.75MHz)
Min.
twh
Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
4.6
18
21
11
1.4
5.0
23
26
14
1.6
21
18
26
23
49
0.5
10
10
2
17.5
15
0.4
15
0.5
10
10
2
350
17.5
15
0.4
Unit
µs
ns
ns
ns
µs
Remarks
During
readout
When using
CXD3400N
tf
≥ tr – 2ns
When draining
charge
Item
Readout clock
Vertical transfer
clock
Horizontal
transfer clock
Reset gate clock
Substrate clock
Symbol
VT
V
φ1, Vφ2,
V
φ3
H
φ1
H
φ2
φRG
φSUB
Min.
two
Typ. Max.
20
24
Unit
ns
Remarks
Item
Horizontal transfer clock
Symbol
H
φ1, Hφ2
∗1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com