Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4229PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS4229PBF
Description  PDP SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4229PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS4229PBF Datasheet HTML 1Page - International Rectifier IRFS4229PBF Datasheet HTML 2Page - International Rectifier IRFS4229PBF Datasheet HTML 3Page - International Rectifier IRFS4229PBF Datasheet HTML 4Page - International Rectifier IRFS4229PBF Datasheet HTML 5Page - International Rectifier IRFS4229PBF Datasheet HTML 6Page - International Rectifier IRFS4229PBF Datasheet HTML 7Page - International Rectifier IRFS4229PBF Datasheet HTML 8Page - International Rectifier IRFS4229PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFS4229PbF
2
www.irf.com
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
250
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
210
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
42
48
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-14
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
1.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
83
–––
–––
S
Qg
Total Gate Charge
–––
72
110
nC
Qgd
Gate-to-Drain Charge
–––
26
–––
tst
Shoot Through Blocking Time
100
–––
–––
ns
EPULSE
Energy per Pulse
µJ
Ciss
Input Capacitance
–––
4560
–––
Coss
Output Capacitance
–––
390
–––
pF
Crss
Reverse Transfer Capacitance
–––
100
–––
Coss eff.
Effective Output Capacitance
–––
290
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
LS
Internal Source Inductance
–––
7.5
–––
Avalanche Characteristics
Parameter
Units
E
AS
Single Pulse Avalanche Energy
d
mJ
E
AR
Repetitive Avalanche Energy
™
mJ
V
DS(Avalanche)
Repetitive Avalanche Voltage
Ù
V
I
AS
Avalanche Current
Ãd
A
Diode Characteristics
Parameter
Min.
Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
–––
–––
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
(Body Diode)
Ù
V
SD
Diode Forward Voltage
–––
–––
1.3
V
t
rr
Reverse Recovery Time
–––
190
290
ns
Q
rr
Reverse Recovery Charge
–––
840
1260
nC
45
180
–––
790
–––
–––
1390
–––
33
26
–––
–––
300
–––
Typ.
Max.
ƒ = 1.0MHz,
–––
130
and center of die contact
T
J = 25°C, IF = 26A, VDD = 50V
di/dt = 100A/µs
e
T
J = 25°C, IS = 26A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 26A
e
VDS = VGS, ID = 250µA
VDS = 250V, VGS = 0V
VGS = 0V, VDS = 0V to 200V
VDS = 250V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 0V
L = 220nH, C= 0.3µF, VGS = 15V
MOSFET symbol
VDS = 25V, ID = 26A
VDD = 125V, ID = 26A, VGS = 10V
e
Conditions
VDD = 200V, VGS = 15V, RG= 4.7Ω
VDS = 200V, RG= 4.7Ω, TJ = 25°C
L = 220nH, C= 0.3µF, VGS = 15V
VDS = 200V, RG= 4.7Ω, TJ = 100°C
VDS = 25V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com