Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1051LPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IPS1051LPBF
Description  SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS1051LPBF Datasheet(HTML) 5 Page - International Rectifier

  IPS1051LPBF Datasheet HTML 1Page - International Rectifier IPS1051LPBF Datasheet HTML 2Page - International Rectifier IPS1051LPBF Datasheet HTML 3Page - International Rectifier IPS1051LPBF Datasheet HTML 4Page - International Rectifier IPS1051LPBF Datasheet HTML 5Page - International Rectifier IPS1051LPBF Datasheet HTML 6Page - International Rectifier IPS1051LPBF Datasheet HTML 7Page - International Rectifier IPS1051LPBF Datasheet HTML 8Page - International Rectifier IPS1051LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IPS1051LPbF / IPS1052GPbF
All curves are typical values. Op
Figure 1 – Timing diagram
erating in the shaded area is not recommended.
Vds
Ids
Vin
IN
D
S
R
L
0V
5V
14V
+
-
V load
Rem During active clamp,
Vload is negative
:
Tj
Isd
Tsd
165°C
Ids
Vin
Ishutdown
Tshutdown
t<T reset
t>T reset
Vdiag
fault
normal
Vds
Ids
Vin
Tr-in
80%
20%
80%
20%
Td on
Tr
Td off
Tf
Figure 2 – IN rise time & switching definitions
Vds
Ids
Vin
Vcc
Vds clamp
T clamp
See Application Notes to evaluate power dissipation
Figure 3 – Active clamp waveforms
Figure 4 – Active clamp test circuit
www.irf.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com