Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F00SC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F00SC
Description  Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F00SC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F00SC Datasheet HTML 1Page - National Semiconductor (TI) 74F00SC Datasheet HTML 2Page - National Semiconductor (TI) 74F00SC Datasheet HTML 3Page - National Semiconductor (TI) 74F00SC Datasheet HTML 4Page - National Semiconductor (TI) 74F00SC Datasheet HTML 5Page - National Semiconductor (TI) 74F00SC Datasheet HTML 6Page - National Semiconductor (TI) 74F00SC Datasheet HTML 7Page - National Semiconductor (TI) 74F00SC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54F/74F00
Quad 2-Input NAND Gate
General Description
This device contains four independent gates, each of which
performs the logic NAND function.
Features
n
Guaranteed 4000V minimum ESD protection
Ordering Code: See Section 0
Commercial
Military
Package
Package Description
Number
74F00PC
N14A
14-Lead (0.300" Wide) Molded Dual-In-Line
54F00DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F00SC (Note 1)
M14A
14-Lead (0.150" Wide) Molded Small Outline, JEDEC
74F00SJ (Note 1)
M14D
14-Lead (0.300" Wide) Molded Small Outline, EIAJ
54F00FM (Note 2)
W14B
14-Lead Cerpack
54F00LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Note 1: Devices also available in 13" reel. Use suffix = SCX and SJX.
Note 2: Military grade device with environmental and burn-in processing. Use suffix = DMQB, FMQB and LMQB.
Logic Symbol
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IEEE/IEC
DS009454-3
Pin Assignment
for DIP, SOIC and Flatpak
DS009454-2
Pin Assignment
for LCC
DS009454-1
December 1994
© 1997 National Semiconductor Corporation
DS009454
www.national.com
1
PrintDate=1997/08/27 PrintTime=13:03:35 9738 ds009454 Rev. No. 1
cmserv
Proof
1
DSXXX


Similar Part No. - 74F00SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F00SC FAIRCHILD-74F00SC Datasheet
61Kb / 5P
Quad 2-Input NAND Gate
74F00SCX FAIRCHILD-74F00SCX Datasheet
61Kb / 5P
Quad 2-Input NAND Gate
More results

Similar Description - 74F00SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com