Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17510EJ/R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC17510EJ/R2
Description  1.2 A 15 V H-Bridge Motor Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17510EJ/R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC17510EJ/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
17510
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 17510 Simplified Internal Block Diagram
3
23
2
21
8
1
5
17
18
6
19
4
7
20
22
15
Charge Pump
H-Bridge
Level
Shifter
Predriver
Control
Logic
Low Voltage
Detector
TOUT
VM1
VM2
OUTA
OUTA'
OUTB'
OUTB
PGND1
PGND2
NC
CRES
VDD
LGND
24
TINB
16
EN
10
IN2
9
IN1
12
C1L
11
C1H
13
C2L
14
C2H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com