Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2694 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2694
Description  30V, 600 mA Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2694 Datasheet HTML 9Page - National Semiconductor (TI) LM2694 Datasheet HTML 10Page - National Semiconductor (TI) LM2694 Datasheet HTML 11Page - National Semiconductor (TI) LM2694 Datasheet HTML 12Page - National Semiconductor (TI) LM2694 Datasheet HTML 13Page - National Semiconductor (TI) LM2694 Datasheet HTML 14Page - National Semiconductor (TI) LM2694 Datasheet HTML 15Page - National Semiconductor (TI) LM2694 Datasheet HTML 16Page - National Semiconductor (TI) LM2694 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Applications Information (Continued)
•
F
S = 250 kHz
•
Minimum load current = 100 mA
•
Maximum load current = 600 mA
•
Softstart time=5ms.
R1 and R2: These resistors set the output voltage, and their
ratio is calculated from:
R1/R2 = (V
OUT/2.5V) - 1
(7)
R1/R2 calculates to 1.0. The resistors should be chosen
from standard value resistors in the range of 1.0 k
Ω -10kΩ.
A value of 2.5 k
Ω will be used for R1 and for R2.
R
ON,FS: RON can be chosen using Equation 5 to set the
nominal frequency, or from Equation 4 if the on-time at a
particular V
IN is important. A higher frequency generally
means a smaller inductor and capacitors (value, size and
cost), but higher switching losses. A lower frequency means
a higher efficiency, but with larger components. Generally, if
PC board space is tight, a higher frequency is better. The
resulting on-time and frequency have a ±25% tolerance.
Using equation 5 at a V
IN of 8V,
A value of 140 k
Ω will be used for R
ON, yielding a nominal
frequency of 252 kHz.
L1: The guideline for choosing the inductor value in this
example is that it must keep the circuit’s operation in con-
tinuous conduction mode at minimum load current. This is
not a strict requirement since the LM2694 regulates correctly
when in discontinuous conduction mode, although at a lower
frequency. However, to provide an initial value for L1 the
above guideline will be used.
To keep the circuit in continuous conduction mode, the maxi-
mum allowed ripple current is twice the minimum load cur-
rent, or 200 mAp-p. Using this value of ripple current, the
inductor (L1) is calculated using the following:
(8)
where F
S(min) is the minimum frequency of 189 kHz (252 kHz
- 25%).
This provides a minimum value for L1 - the next higher
standard value (150 µH) will be used. To prevent saturation,
and possible destructive current levels, L1 must be rated for
the peak current which occurs if the current limit and maxi-
mum ripple current are reached simultaneously. The maxi-
mum ripple amplitude is calculated by re-arranging Equation
8 using V
IN(max),FS(min), and the minimum inductor value,
based on the manufacturer’s tolerance. Assume, for this
exercise, the inductor’s tolerance is ±20%.
(9)
I
PK =ILIM +IOR(max) = 0.74A + 0.18A = 0.92A
where I
LIM is the maximum guaranteed current limit thresh-
old. At the nominal maximum load current of 0.6A, the peak
inductor current is 692 mA.
C1: This capacitor limits the ripple voltage at VIN resulting
from the source impedance of the supply feeding this circuit,
and the on/off nature of the switch current into VIN. At
maximum load current, when the buck switch turns on, the
current into VIN steps up from zero to the lower peak of the
inductor current waveform (I
PK- in Figure 12), ramps up to
the peak value (I
PK+), then drops to zero at turn-off. The
average current into VIN during this on-time is the load
current. For a worst case calculation, C1 must supply this
average current during the maximum on-time. The maximum
on-time is calculated at V
IN = 8V using Equation 4, with a
25% tolerance added:
The voltage at VIN should not be allowed to drop below 7.5V
in order to maintain V
CC above its UVLO.
20187037
FIGURE 12. Inductor Current
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com