Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726ATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6726ATR
Description  Single phase PWM controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726ATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6726ATR Datasheet HTML 4Page - STMicroelectronics L6726ATR Datasheet HTML 5Page - STMicroelectronics L6726ATR Datasheet HTML 6Page - STMicroelectronics L6726ATR Datasheet HTML 7Page - STMicroelectronics L6726ATR Datasheet HTML 8Page - STMicroelectronics L6726ATR Datasheet HTML 9Page - STMicroelectronics L6726ATR Datasheet HTML 10Page - STMicroelectronics L6726ATR Datasheet HTML 11Page - STMicroelectronics L6726ATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical specifications
L6726A
8/24
Reference
Output voltage accuracy
VOUT = 0.8V
-1
-
1
%
Transconductance error amplifier
gm
Transconductance(1)
5mS
IFB
Input bias current
Sourced from FB
100
nA
A0
Open loop gain(1)
70
dB
F0
Unity gain(1)
4MHz
ICOMP
Current capability
Source current
360
µA
Sink current
-360
µA
Soft-Start and disable
ISS
Soft-start current
From COMP pin
10
µA
DIS
Disable threshold
COMP Falling
0.4
0.5
V
Gate drivers
IUGATE
HS source current
BOOT - PHASE = 5V to 12V
1.5
A
RUGATE
HS sink resistance
BOOT - PHASE = 5V to 12V
1.1
Ω
ILGATE
LS source current
VCC = 5V to 12V
1.5
A
RLGATE
LS sink resistance
VCC = 5V to 12V
0.65
Ω
OVER-CURRENT PROTECTION
IOCSET
OCSET current source
Sourced from LGATE pin.
See Section 7.1.1
10
µA
VOC_SW
OC switch-over threshold
VLGATE/OC rising
750
mV
VOCTH_FIXED Fixed OC threshold
VPHASE to GND
-375
mV
1.
Guaranteed by design, not subject to test.
Table 4. Electrical characteristics (continued)
(VCC = 12V; TA = 25
° C unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com