Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2523AX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU2523AX
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2523AX Datasheet(HTML) 3 Page - NXP Semiconductors

  BU2523AX Datasheet HTML 1Page - NXP Semiconductors BU2523AX Datasheet HTML 2Page - NXP Semiconductors BU2523AX Datasheet HTML 3Page - NXP Semiconductors BU2523AX Datasheet HTML 4Page - NXP Semiconductors BU2523AX Datasheet HTML 5Page - NXP Semiconductors BU2523AX Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2523AX
Fig.3. Switching times test circuit.
Fig.4. High and low DC current gain. h
FE = f (IC)
V
CE = 1 V
Fig.5. High and low DC current gain. h
FE = f (IC)
V
CE = 5 V
Fig.6. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
Fig.7. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.8. Typical losses.
P
TOT = f (IB); IC =5.5 A; f = 64 kHz
+ 150 v nominal
adjust for ICsat
Lc
Cfb
T.U.T.
LB
IBend
-VBB
0.1
1
10
100
0.01
0.1
1
10
Ths = 25 C
Ths = 85 C
IC/IB = 10
IC/IB = 5
VCEsat / V
BU2523AF/X
IC / A
BU2523AF/X
0.01
0.1
1
10
100
1
10
100
VCE = 1 V
Ths = 25 C
Ths = 85 C
hFE
IC / A
01
23
4
0.6
0.7
0.8
0.9
1
1.1
1.2
VBEsat / V
BU2523AF/X
IB / A
IC = 6 A
IC = 4.5 A
Ths = 25 C
Ths = 85 C
BU2523AF/X
0.01
0.1
1
10
100
1
10
100
VCE = 5 V
Ths = 25 C
Ths = 85 C
hFE
IC / A
BU2523AF/DF/AX/DX
0
0.5
1
1.5
2
1
10
100
PTOT / W
IB / A
Ths = 25 C
Ths = 85 C
September 1997
3
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com