Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2523DF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU2523DF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2523DF Datasheet(HTML) 3 Page - NXP Semiconductors

  BU2523DF Datasheet HTML 1Page - NXP Semiconductors BU2523DF Datasheet HTML 2Page - NXP Semiconductors BU2523DF Datasheet HTML 3Page - NXP Semiconductors BU2523DF Datasheet HTML 4Page - NXP Semiconductors BU2523DF Datasheet HTML 5Page - NXP Semiconductors BU2523DF Datasheet HTML 6Page - NXP Semiconductors BU2523DF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2523DF
Fig.1. Switching times waveforms.
Fig.2. Switching times definitions.
Fig.3. Definition of anti-parallel diode V
fr and tfr.
Fig.4. Switching times test circuit.
Fig.5. High and low DC current gain. h
FE = f (IC)
V
CE = 1 V
Fig.6. High and low DC current gain. h
FE = f (IC)
V
CE = 5 V
V
ICsat
I
end
16 us
6.5 us
5 us
t
t
t
TRANSISTOR
DIODE
B
I C
I B
CE
+ 150 v nominal
adjust for ICsat
Lc
Cfb
D.U.T.
LB
IBend
-VBB
Rbe
ICsat
90 %
10 %
tf
ts
IBend
IC
IB
t
t
- IBM
BU2523DF/X
0.01
0.1
1
10
100
1
10
100
VCE = 1 V
Ths = 25 C
Ths = 85 C
hFE
IC / A
time
time
V
F
V
fr
V
F
I
F
fr
t
10%
5 V
I
F
BU2523DF/X
0.01
0.1
1
10
100
1
10
100
VCE = 5 V
Ths = 25 C
Ths = 85 C
hFE
IC / A
September 1997
3
Rev 1.200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com