Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9020A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9020A
Description  Call Progress Tone Decoder & ABR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9020A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9020A Datasheet HTML 1Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 2Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 3Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 4Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 5Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 6Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 7Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 8Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Name
I/O
Internal
Connection
Description
ENV/END
O
CMOS OUT
CPTD mode: While an input signal is within specification,
this pin will output the envelope relative to the input signal
with a typical 40ms timing delay.
ABRC mode: This is an ABR finished indicating signal
output pin. When an ABR counter is full, this pin will output
a 100ms pulse.
DV/LED
O
CMOS OUT
CPTD mode: The call progress tone is decoded in this ready
output pin. This pin can be used to trigger a microcontroller to
read the latched data at DIAL, RBK and BUSY
ABRC mode: ABR indicating signal output. While ABR is
active, this pin will output a 0.86Hz, 25% duty cycle clock.
RTZ/SEL1
I
CMOS IN
CPTD mode: Output data return to zero select pin
RTZ=VDD; The outputs of DIAL, RBK and BUSY will be
cleared when the input signal is out of specification while in
the 2.32 sec time window.
RTZ=VSS; The outputs of DIAL, RBK and BUSY will be
latched until the next valid data is received.
ABRC mode: Numbers of the busy redial and time of break
selection pin.
VREF/SEL2
I/O
CMOS I/O
(VREF:O
SEL2:I)
CPTD mode: 1/2 VDD reference voltage output pin
When EN=VDD, the device will be turned off and VREF
disabled. All outputs will be pulled low to reduce power
consumption.
ABRC mode: Number of the busy redial and time of break
selection pin.
SIN
I
CMOS IN
AC coupled analog signal input pin
B3/RING
I
CMOS IN
CPTD mode: Received busy tone pattern select pin
B3=VDD; BUSY will be set after three successive busy tones
are received.
B3=VSS; BUSY will be set immediately after a busy tone is
received.
ABRC mode: Ringer detection input pin
VSS
—
—
Negative power supply
2.5~5.5V for CPT mode operation
2.0~5.5V for ABR mode operation
VDD
—
—
Positive power supply, 2.5~5.5V for normal operation
BUSY/
BREAK
O
CMOS OUT
CPTD mode: BUSY=HIGH: The detected input signal is a
busy or reorder tone
ABRC mode: When in ABR mode, the BREAK pin will be
high. After a busy tone is detected it will return low.
When the break timer has timed out, it will return high.
HT9020
3
21st Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com