Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I3002 Datasheet(PDF) 2 Page - Interpion semiconductor

Part # I3002
Description  Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

I3002 Datasheet(HTML) 2 Page - Interpion semiconductor

  I3002 Datasheet HTML 1Page - Interpion semiconductor I3002 Datasheet HTML 2Page - Interpion semiconductor I3002 Datasheet HTML 3Page - Interpion semiconductor I3002 Datasheet HTML 4Page - Interpion semiconductor I3002 Datasheet HTML 5Page - Interpion semiconductor I3002 Datasheet HTML 6Page - Interpion semiconductor I3002 Datasheet HTML 7Page - Interpion semiconductor I3002 Datasheet HTML 8Page - Interpion semiconductor I3002 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IP3002 / I3002
Power Factor Correction
April. 2004
- 2 -
http://www.interpionsemi.com
NO
SYMBOL
I/O
DESCRIPTION
1
INV
I
Inverting Input of Error Amplifier
2
COMP
O
Output of Error Amplifier
3
MULT
I
Input of The Multiplier Stage
4
CS
I
Current Sense Input
5
ZCD
I
Current Driven Logic Input
6
GND
-
Ground
7
OUT
O
Output
8
VCC
-
Supply Voltage
PIN DESCRIPTIONS
PIN CONNECTIONS
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Maximum Supply Voltage
VCCmax
27
V
Output Peak Current
Ipeak
500
mA
Analog Inputs & Outputs (Pin 1,2,3,4,5)
Vinmax
-0.3 ~ 7
V
ZCD Input Maximum Current
Izcd
±10
mA
Power Dissipation (8SOP)
Pdmax
600
mW
Operating Temperature
Topr
-25 ~ 125
°C
Storage Temperature
Tstg
-65 ~ 150
°C
Power Dissipation (8DIP)
Pdmax
800
mW
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com