Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LATBT686 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LATBT686
Description  Hyper Multi TOPLED Hyper-Bright LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LATBT686 Datasheet(HTML) 2 Page - OSRAM GmbH

  LATBT686 Datasheet HTML 1Page - OSRAM GmbH LATBT686 Datasheet HTML 2Page - OSRAM GmbH LATBT686 Datasheet HTML 3Page - OSRAM GmbH LATBT686 Datasheet HTML 4Page - OSRAM GmbH LATBT686 Datasheet HTML 5Page - OSRAM GmbH LATBT686 Datasheet HTML 6Page - OSRAM GmbH LATBT686 Datasheet HTML 7Page - OSRAM GmbH LATBT686 Datasheet HTML 8Page - OSRAM GmbH LATBT686 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2001-06-22
2
LATB T686
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 % ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of ±11 %.
Anm.: Die Standardlieferform von Serientypen beinhaltet eine Familiengruppe. Einzelne Gruppen sind
nicht erhältlich.
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe pro Farbe enthalten.
Note: The standard shipping format for serial types includes a family group. Individual groups are not
available.
No packing unit / tape ever contains more than one luminous intensity group per color.
Typ
Type
Emissions
-farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous Intensity
I
F = 20 mA
I
V (mcd)
Bestell-
nummer
Ordering
Code
amber
true green
blue
LATB T686
Q+R+K
Q+R+L
Q+S+K
Q+S+L
R+R+K
R+R+L
R+S+K
R+S+L
amber
true green
blue
colorless clear
and
black painted
package
surface
71 ... 180
71 ... 112
71 ... 112
71 ... 112
71 ... 112
112 ... 180
112 ... 180
112 ... 180
112 ... 180
112 ... 280
112 ... 180
112 ... 180
180 ... 280
180 ... 280
112 ... 180
112 ... 180
180 ... 280
180 ... 280
7.1 ... 18.0
7.1 ... 11.2
11.2 ... 18.0
7.1 ... 11.2
11.2 ... 18.0
7.1 ... 11.2
11.2 ... 18.0
7.1 ... 11.2
11.2 ... 18.0
Q62703-Q5779



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com