Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1705 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1705
Description  Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1705 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1705 Datasheet HTML 17Page - Linear Technology LTC1705 Datasheet HTML 18Page - Linear Technology LTC1705 Datasheet HTML 19Page - Linear Technology LTC1705 Datasheet HTML 20Page - Linear Technology LTC1705 Datasheet HTML 21Page - Linear Technology LTC1705 Datasheet HTML 22Page - Linear Technology LTC1705 Datasheet HTML 23Page - Linear Technology LTC1705 Datasheet HTML 24Page - Linear Technology LTC1705 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC1705
21
APPLICATIO S I FOR ATIO
Finally, choose a convenient resistor value for R1 (10k is
usually a good value). Now calculate the remaining values:
(K is a constant used in the calculations)
f = chosen crossover frequency
G = 10(GAIN/20) (this converts GAIN in dB to G in
absolute gain)
TYPE 2 Loop:
K
Tan
BOOST
C
fGKR
CC K
R
K
fC
R
VR
VV
B
REF
OUT
REF
=+ °


=
=−
()
=
=
−
2
45
2
1
21
12
1
2
21
1
2
π
π
()
TYPE 3 Loop:
K
Tan
BOOST
C
fGR
CC K
R
K
fC
R
R
K
C
fKR
R
VR
VV
B
REF
OUT
REF
=+ °


=
=−
()
=
=
−
=
=
−
2
4
45
2
1
21
12
1
2
21
3
1
1
3
1
23
1
π
π
π
()
CURRENT LIMIT PROGRAMMING
Programming current limit on the LTC1705 is straight-
forward. The IMAX pin sets the current limit by setting the
maximum allowable voltage drop across QB (the bottom
MOSFET) before the current limit circuit engages. The
voltage across QB is set by its on-resistance and the
current flowing in the inductor, which is the same as the
output current. The LTC1705 current limit circuit inverts
the negative voltage across QB before comparing it with
the voltage at IMAX, allowing the current limit to be set with
a positive voltage.
To set the current limit, calculate the expected voltage
drop across QB at the maximum desired current:
VPROG = (ILIMIT) (RDS(ON))
ILIMIT should be chosen to be quite a bit higher than the
expected operating current, to allow for MOSFET RDS(ON)
changes with temperature. Setting ILIMIT to 150% of the
maximum normal operating current is usually safe and will
adequately protect the power components if they are
chosen properly. Note that the ringing on the switch node
can cause error for the current limit threshold. This factor
will change depending on the layout and the components
used. VPROG is then programmed at the IMAX pin using the
internal 10
µA pull-up and an external resistor:
RIMAX = VPROG/10µA
The resulting value of RIMAX should be checked in an
actual circuit to ensure that the current circuit kicks in as
expected. MOSFET RDS(ON) specs are like horsepower
ratings in automobiles and should be taken with a grain of
salt. Circuits that use very low values for RIMAX (<10k)
should be checked carefully, since small changes in RIMAX
can cause large ILIMIT changes when the switch node
ringing makes up a large percentage of the total VPROG
value. If VPROG is set too low, the LTC1705 may fail to start
up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com