Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2525DF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BU2525DF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2525DF Datasheet(HTML) 5 Page - NXP Semiconductors

  BU2525DF Datasheet HTML 1Page - NXP Semiconductors BU2525DF Datasheet HTML 2Page - NXP Semiconductors BU2525DF Datasheet HTML 3Page - NXP Semiconductors BU2525DF Datasheet HTML 4Page - NXP Semiconductors BU2525DF Datasheet HTML 5Page - NXP Semiconductors BU2525DF Datasheet HTML 6Page - NXP Semiconductors BU2525DF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525DF
Fig.13. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
Fig.14. Forward bias safe operating area. T
hs = 25 ˚C
I
CDC & ICM = f(VCE); ICM single pulse; parameter tp
Second-breakdown limits independant of temperature.
Mounted with heatsink compound.
1E-06
1E-04
1E-02
1E+00
t / s
Zth / (K/W)
BU2525AF
10
1
0.1
0.01
0.001
D =
tp
tp
T
T
P
t
D
D = 0
0.02
0.05
0.1
0.2
0.5
BU2525AF
IC / A
100
10
1
0.1
0.01
1
10
100
1000 VCE / V
100 us
1 ms
10 ms
DC
40 us
tp =
Ptot
ICM
ICDC
= 0.01
September 1997
5
Rev 1.200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com