Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TWL4532VF-R18 Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TWL4532VF-R18
Description  Wire Wound Chip Inductor SMD 1812 (4.50 x 3.20 x 3.20 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TWL4532VF-R18 Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TWL4532VF-R18 Datasheet HTML 1Page - Transko Electronics, Inc. TWL4532VF-R18 Datasheet HTML 2Page - Transko Electronics, Inc. TWL4532VF-R18 Datasheet HTML 3Page - Transko Electronics, Inc. TWL4532VF-R18 Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TWL4532VF Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 12
-
13
-
2018
•
Specifica ons are measured using HP4285A
•
Inductance tolerance op on at end of part number: J: ±5% ; K: ±10% ; M: ±20%
Part Number
L
(µH)
Test Freq.
(MHz)
Q
Min.
SRF
(MHz) Min.
RDC
(Ω) Max
IDC
(mA) max
TWL4532VF-R10_
0.10
25.2
35
300
0.18
800
TWL4532VF-R12_
0.12
25.2
35
280
0.20
770
TWL4532VF-R15_
0.15
25.2
35
250
0.22
730
TWL4532VF-R18_
0.18
25.2
35
220
0.24
700
TWL4532VF-R22_
0.22
25.2
40
200
0.25
665
TWL4532VF-R27_
0.27
25.2
40
180
0.26
635
TWL4532VF-R33_
0.33
25.2
40
165
0.28
605
TWL4532VF-R39_
0.39
25.2
40
150
0.30
575
TWL4532VF-R47_
0.47
25.2
40
145
0.32
545
TWL4532VF-R56_
0.56
25.2
40
140
0.36
520
TWL4532VF-R68_
0.68
25.2
40
135
0.40
500
TWL4532VF-R82_
0.82
25.2
40
130
0.45
475
TWL4532VF-1R0_
1.0
7.96
50
100
0.50
450
TWL4532VF-1R2_
1.2
7.96
50
80
0.55
430
TWL4532VF-1R5_
1.5
7.96
50
70
0.60
410
TWL4532VF-1R8_
1.8
7.96
50
60
0.65
390
TWL4532VF-2R2_
2.2
7.96
50
55
0.70
380
TWL4532VF-2R7_
2.7
7.96
50
50
0.75
370
TWL4532VF-3R3_
3.3
7.96
50
45
0.80
355
TWL4532VF-3R9_
3.9
7.96
50
40
0.90
330
TWL4532VF-4R7_
4.7
7.96
50
35
1.00
315
TWL4532VF-5R6_
5.6
7.96
50
33
1.10
300
TWL4532VF-6R8_
6.8
7.96
50
27
1.20
285
TWL4532VF-8R2_
8.2
7.96
50
25
1.40
270
TWL4532VF-100_
10
2.52
50
20
1.60
250
TWL4532VF-120_
12
2.52
50
18
2.00
225
TWL4532VF-150_
15
2.52
50
17
2.50
200
TWL4532VF-180_
18
2.52
50
15
2.80
190
TWL4532VF-220_
22
2.52
50
13
3.20
180
TWL4532VF-270_
27
2.52
50
12
3.60
170
TWL4532VF-330_
33
2.52
50
11
4.00
160
TWL4532VF-390_
39
2.52
50
10
4.50
150
TWL4532VF-470_
47
2.52
50
10
5.00
140
TWL4532VF-560_
56
2.52
50
9.0
5.50
135
TWL4532VF-680_
68
2.52
50
9.0
6.00
130
TWL4532VF-820_
82
2.52
50
8.0
7.00
120
TWL4532VF-101_
100
0.796
40
8.0
8.00
110
TWL4532VF-121_
120
0.796
40
6.0
8.00
110
TWL4532VF-151_
150
0.796
40
5.0
9.00
105
TWL4532VF-181_
180
0.796
40
5.0
9.50
105
TWL4532VF-221_
220
0.796
40
4.0
10.0
100
TWL4532VF-271_
270
0.796
40
4.0
12.0
92
TWL4532VF-331_
330
0.796
40
3.5
14.0
85
TWL4532VF-391_
390
0.796
40
3.0
18.0
80
TWL4532VF-471_
470
0.796
40
3.0
26.0
62
TWL4532VF-561_
560
0.796
40
3.0
30.0
50
TWL4532VF-681_
680
0.796
40
3.0
30.0
50
TWL4532VF-821_
820
0.796
40
2.5
35.0
30
TWL4532VF-102_
1000
0.252
20
2.5
40.0
30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com