Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC53 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # THC53
Description  ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (5.0 x 3.2 x 1.3mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

THC53 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  THC53 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THC53
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Cal Crystal Comclok. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 1: Jul. 2014
Rev. 0: Apr. 2019
ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (5.0 x 3.2 x 1.3mm)
FEATURES:
•
LOW PHASE NOISE
•
•
•
•
RoHS COMPLIANT
•
•
•
•
HCSL OUTPUT
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
13.500MHz ~ 160.000MHz
FREQUENCY STABILITY
±20ppm ~ ±100ppm
OPERATING TEMPERATURE RANGE
STD: -20°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-55°C ~ 125°C
SUPPLY VOLTAGE ± 5%
1.8VDC, 2.5VDC, 3.3VDC
SUPPLY CURRENT
40mA max.
OUTPUT
LOGIC FAMILY
HCSL square wave
LOAD
50
(Between output and GND)
LEVEL LOGIC ‘1’ (VOH)
900mV max.
LEVEL LOGIC ‘0’ (VOL)
SYMMETRY(DUTY CYCLE)
45% / 55%
RISE AND FALL TIME (Tr/Tf)
1.0 nS max.
START-UP TIME
10mS max.
STAND-BY
VOLTAGE
ENABLE (VIH)
0.7 x VDD ≤ VIH ≤ VDD or N/C
DISABLE (VIL)
VIL ≤ 0.3 x VDD
STAND-BY CURRENT
10µA max.
AGING @ 25°C ± 3°C
±3.0ppm / year max.
PHASE JITTER RMS
1.0ps. max.
PHASE NOISE @ (100MHZ OFFSET)
-74dBC/Hz Typ. @10HZ
-106dBC/Hz Typ. @100 HZ
-130dBC/Hz Typ. @1KHZ
-143dBC/Hz Typ. @10KHZ
-148dBC/Hz Typ. @100KHZ
-153dBC/Hz Typ. @1MHZ
-158dBC/Hz Typ. @10MHZ
-150mV min.
■ PACKAGE DIMENSIONS
■ PART NUMBERING GUIDE
■ REFLOW PROFILE
Product series
Output
C: HCSL
THC53
C
50
HM
27.000M
TR
T
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
20: ± 20ppm
10: ± 10ppm
XX: Two digit for
Stability
Operating Temperature
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
X:custom
Supply Voltage
18: 1.8 Volt
25: 2.5 Volt
33: 3.3 Volt
Tristate
T1: En/Dis, pin#1
Frequency
M: MHz
Tape and Reel
TR:
1000/reel
Blank: Cut tape
33
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
S
5.0±0.1
6
4
3
1
5
2
1
3
4
6
2
5
0.64
2.54
MARKING
1
En/Dis or N.C.
2
N.C.
3
GND
4
Output
Pin Configuration
5
C. Output
6
VDD
Unit : mm


Similar Part No. - THC53

ManufacturerPart #DatasheetDescription
logo
HolyStone International
THC HOLYSTONECAPS-THC Datasheet
59Kb / 2P
High reliability at High temperatature
logo
Vishay Siliconix
THC VISHAY-THC Datasheet
258Kb / 11P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
02-Nov-2020
logo
List of Unclassifed Man...
THC1420 ETC1-THC1420 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC1566 ETC1-THC1566 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC1613 ETC1-THC1613 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
More results

Similar Description - THC53

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TP53A TRANSKO-TP53A Datasheet
417Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.4: 07-28-2020
TCP53 TRANSKO-TCP53 Datasheet
501Kb / 2P
ULTRA MINIATURE SPREAD SPECTRUM SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.3: Feb. 2015
TGM5 TRANSKO-TGM5 Datasheet
583Kb / 2P
CERAMIC SMD LVDS/LVPECL OUTPUT OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.0: Jan. 2016
TISM5 TRANSKO-TISM5 Datasheet
319Kb / 1P
CERAMIC LVDS MINIATURE SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev 2: 03-27-2023
TP53 TRANSKO-TP53 Datasheet
297Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev 0: 08-25-2021
TPSM5 TRANSKO-TPSM5 Datasheet
416Kb / 1P
CERAMIC LVPECL MINIATURE SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.2: Nov. 2014
TSM53 TRANSKO-TSM53 Datasheet
416Kb / 1P
MINIATURE SMD HCMOS/TTL OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.2: May 2015
TSMV5 TRANSKO-TSMV5 Datasheet
390Kb / 1P
ULTRA MINIATURE CERAMIC SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: May 2015
TVI5 TRANSKO-TVI5 Datasheet
433Kb / 2P
LVDS MINIATURE SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: Jun. 2015
TVP5 TRANSKO-TVP5 Datasheet
433Kb / 2P
LVPECL MINIATURE SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: Jun. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com