Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC573PW Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AHC573PW
Description  Octal D-type transparent latch; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHC573PW Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AHC573PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHC573PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHC573PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHC573PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHC573PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHC573PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHC573PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHC573PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHC573PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Nexperia
74AHC573; 74AHCT573
Octal D-type transparent latch; 3-state
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
OE
1
output enable input (active LOW)
D0 to D7
2, 3, 4, 5, 6, 7, 8, 9
data input
GND
10
ground (0 V)
LE
11
latch enable (active HIGH)
Q0 to Q7
19, 18, 17, 16, 15, 14, 13, 12
data output
VCC
20
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition;
L = LOW voltage level; l = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition;
Z = high-impedance OFF-state.
Input
Output
Operating mode
OE
LE
Dn
Internal latch
Qn
L
L
L
Enable and read register (transparent mode)
L
H
H
H
H
l
L
L
Latch and read register
L
L
h
H
H
l
L
Z
Latch register and disable outputs
H
L
h
H
Z
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+7.0
V
VI
input voltage
-0.5
+7.0
V
IIK
input clamping current
VI < -0.5 V
[1]
-20
-
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
[1]
-20
+20
mA
IO
output current
VO = -0.5 V to (VCC + 0.5 V)
-25
+25
mA
ICC
supply current
-
+75
mA
IGND
ground current
-75
-
mA
Tstg
storage temperature
-65
+150 °C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[2]
-
500
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] For SOT163-1 (SO20) package: Ptot derates linearly with 12.3 mW/K above 109 °C.
For SOT360-1 (TSSOP20) package: Ptot derates linearly with 10.0 mW/K above 100 °C.
For SOT764-1 (DHVQFN20) package: Ptot derates linearly with 12.9 mW/K above 111 °C.
74AHC_AHCT573
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 8 — 13 July 2020
4 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com