Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC32 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74ALVC32
Description  Quad 2-input OR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC32 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74ALVC32 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC32 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC32 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC32 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC32 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC32 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC32 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC32 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC32 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74ALVC32
Quad 2-input OR gate
4. Functional diagram
mna242
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
Fig. 1. Logic symbol
mna243
3
≥1
≥1
≥1
≥1
2
1
6
5
4
8
10
9
11
13
12
Fig. 2. IEC logic symbol
mna241
A
B
Y
Fig. 3. Logic diagram (one gate)
5. Pinning information
5.1. Pinning
74ALVC32
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
aaa-032403
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SOT108-1 (SO14) and
SOT402-1 (TSSOP14)
aaa-032404
74ALVC32
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
4B
1B
GND(1)
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND
Fig. 5. Pin configuration SOT762-1 (DHVQFN14)
74ALVC32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 30 April 2021
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com