Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC32D Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74ALVC32D
Description  Quad 2-input OR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC32D Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74ALVC32D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC32D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC32D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC32D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC32D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC32D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC32D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC32D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC32D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
74ALVC32
Quad 2-input OR gate
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
3.6
V
VI
input voltage
0
3.6
V
output HIGH or LOW state
0
VCC
V
output 3-state
0
3.6
V
VO
output voltage
power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
in free air
-40
+85
°C
VCC = 1.65 V to 2.7 V
0
20
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 2.7 V to 3.6 V
0
10
ns/V
9. Static characteristics
Table 6. Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Tamb = -40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VCC = 1.65 V to 1.95 V
0.65 × VCC
-
-
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VIH
HIGH-level input voltage
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 1.65 V to 1.95 V
-
-
0.35 × VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VIL
LOW-level input voltage
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VI = VIH or VIL
IO = -100 μA; VCC = 1.65 V to 3.6 V
VCC - 0.2
-
-
V
IO = -6 mA; VCC = 1.65 V
1.25
1.51
-
V
IO = -12 mA; VCC = 2.3 V
1.8
2.10
-
V
IO = -18 mA; VCC = 2.3 V
1.7
2.01
-
V
IO = -12 mA; VCC = 2.7 V
2.2
2.53
-
V
IO = -18 mA; VCC = 3.0 V
2.4
2.76
-
V
VOH
HIGH-level output voltage
IO = -24 mA; VCC = 3.0 V
2.2
2.68
-
V
VI = VIH or VIL
IO = 100 μA; VCC = 1.65 V to 3.6 V
-
-
0.2
V
IO = 6 mA; VCC = 1.65 V
-
0.11
0.3
V
IO = 12 mA; VCC = 2.3 V
-
0.17
0.4
V
IO = 18 mA; VCC = 2.3 V
-
0.25
0.6
V
IO = 12 mA; VCC = 2.7 V
-
0.16
0.4
V
IO = 18 mA; VCC = 3.0 V
-
0.23
0.4
V
VOL
LOW-level output voltage
IO = 24 mA; VCC = 3.0 V
-
0.30
0.55
V
II
input leakage current
VCC = 3.6 V; VI = 3.6 V or GND
-
±0.1
±5
μA
IOFF
power-off leakage current VCC = 0 V; VI or VO = 0 V to 3.6 V
-
±0.1
±10
μA
ICC
supply current
VCC = 3.6 V; VI = VCC or GND; IO = 0 A
-
0.2
10
μA
74ALVC32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 30 April 2021
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com