Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC32PW Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74ALVC32PW
Description  Quad 2-input OR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC32PW Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74ALVC32PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC32PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC32PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC32PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC32PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC32PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC32PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC32PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC32PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
74ALVC32
Quad 2-input OR gate
Tamb = -40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
ΔICC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
750
μA
CI
input capacitance
-
3.5
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 7.
Tamb = -40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
nA, nB to nY; see Fig. 6
[2]
VCC = 1.65 V to 1.95 V
1.0
2.8
4.7
ns
VCC = 2.3 V to 2.7 V
1.0
2.0
3.1
ns
VCC = 2.7 V
1.0
2.2
2.9
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.0
2.0
2.8
ns
CPD
power dissipation
capacitance
per gate; VI = GND to VCC; VCC = 3.3 V
[3]
-
25
-
pF
[1] Typical values are measured at Tamb = 25 °C
[2] tpd is the same as tPHL and tPLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
N = number of inputs switching
Σ(CL x VCC 2 x fo) = sum of the outputs
10.1. Waveforms and test circuit
mna244
tPHL
tPLH
VM
VM
nA, nB input
nY output
GND
VI
Measurement points are given in Table 8.
Fig. 6. Inputs nA, nB to output nY propagation delay times
Table 8. Measurement points
Supply voltage VCC
Input VI
VM
1.65 V to 1.95 V
VCC
0.5VCC
2.3 V to 2.7 V
VCC
0.5VCC
2.7 V
2.7 V
1.5 V
3.0 V to 3.6 V
2.7 V
1.5 V
74ALVC32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 30 April 2021
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com