Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC374 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74ALVC374
Description  Octal D-type flip-flop; positive-edge trigger; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC374 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74ALVC374 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC374 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC374 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC374 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC374 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC374 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC374 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC374 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC374 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Nexperia
74ALVC374
Octal D-type flip-flop; positive-edge trigger; 3-state
6. Functional description
Table 3. Function table
H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the LOW to HIGH CP transition
L = LOW voltage level; l = LOW voltage level one set-up time prior to the LOW to HIGH CP transition
Z = high-impedance OFF-state; ↑ = LOW to HIGH clock transition
Input
Output
Operating mode
OE
CP
Dn
Internal flip-flop
Qn
L
↑
l
L
L
Load and read register
L
↑
h
H
H
H
↑
l
L
Z
Load register and disable
outputs
H
↑
h
H
Z
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+4.6
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
output HIGH or LOW state
[1]
-0.5
VCC + 0.5 V
output 3-state
-0.5
+4.6
V
VO
output voltage
power-down mode; VCC = 0 V
-0.5
+4.6
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +85 °C
-
500
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
3.6
V
VI
input voltage
0
3.6
V
output HIGH or LOW state
0
VCC
V
output 3-state
0
3.6
V
VO
output voltage
power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
in free air
-40
+85
°C
VCC = 1.65 V to 2.7 V
-
20
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 2.7 V to 3.6 V
-
10
ns/V
74ALVC374
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 30 April 2021
4 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com