Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC574 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74ALVC574
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC574 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74ALVC574 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC574 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC574 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC574 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC574 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC574 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC574 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC574 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVC574 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Nexperia
74ALVC574
Octal D-type flip-flop; positive edge-trigger; 3-state
-40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
ICC
supply current
VCC = 3.6 V; VI = VCC or GND; IO = 0 A
-
0.2
10
μA
ΔICC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
750
μA
CI
input capacitance
-
3.5
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 10.
-40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
CP to Qn; see Fig. 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.1
6.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.3
3.9
ns
VCC = 2.7 V
1.0
2.5
3.6
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.0
2.5
3.6
ns
OE to Qn; see Fig. 8
[2]
VCC = 1.65 V to 1.95 V
1.0
3.2
6.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.6
4.5
ns
VCC = 2.7 V
1.0
3.2
4.6
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.0
2.4
4.0
ns
OE to Qn; see Fig. 8
[2]
VCC = 1.65 V to 1.95 V
1.5
3.6
7.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.3
4.4
ns
VCC = 2.7 V
1.5
2.9
4.4
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.0
2.8
4.4
ns
clock HIGH or LOW; see Fig. 7
VCC = 1.65 V to 1.95 V
3.8
1.1
-
ns
VCC = 2.3 V to 2.7 V
3.3
0.9
-
ns
VCC = 2.7 V
3.3
0.8
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
3.3
1.2
-
ns
Dn to CP; see Fig. 9
VCC = 1.65 V to 1.95 V
0.8
-0.1
-
ns
VCC = 2.3 V to 2.7 V
0.8
0.1
-
ns
VCC = 2.7 V
0.8
0.3
-
ns
tsu
set-up time
VCC = 3.0 V to 3.6 V
0.8
0.0
-
ns
Dn to CP; see Fig. 9
VCC = 1.65 V to 1.95 V
0.8
-0.1
-
ns
VCC = 2.3 V to 2.7 V
0.8
0.1
-
ns
VCC = 2.7 V
0.8
0.4
-
ns
th
hold time
VCC = 3.0 V to 3.6 V
0.7
-0.1
-
ns
74ALVC574
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 30 April 2021
6 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com