Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16543DL Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16543DL
Description  2.5 V/3.3 V 16-bit registered transceiver (3-State)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16543DL Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16543DL Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16543DL Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16543DL Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16543DL Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16543DL Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16543DL Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16543DL Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16543DL Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16543DL Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product data sheet
74ALVT16543
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
6
DC ELECTRICAL CHARACTERISTICS (3.3 V
± 0.3 V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = –40
°C to +85 °C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 3.0 V; IIK = –18 mA
–
–0.85
–1.2
V
VOH
HIGH-level output voltage
VCC = 3.0 V to 3.6 V; IOH = –100 µA
VCC – 0.2
VCC
–
V
VOH
HIGH-level out ut voltage
VCC = 3.0 V; IOH = –32 mA
2.0
2.3
–
V
VCC = 3.0 V; IOL = 100 µA
–
0.07
0.2
VOL
LOW–level output voltage
VCC = 3.0 V; IOL = 16 mA
–
0.25
0.4
V
VOL
LOW–level out ut voltage
VCC = 3.0 V; IOL = 32 mA
–
0.3
0.5
V
VCC = 3.0 V; IOL = 64 mA
–
0.4
0.55
VRST
Power-up output low voltage6
VCC = 3.6 V; IO = 1 mA; VI = VCC or GND
–
–
0.55
V
VCC = 3.6 V; VI = VCC or GND
Control pins
–
0.1
± 1
VCC = 0 V or 3.6 V; VI = 5.5 V
–
0.1
10
II
Input leakage current
VCC = 3.6 V; VI = VCC
4
–
0.5
1
µA
VCC = 3.6 V; VI = 0 V
Data pins4
–
0.1
–5
VCC = 3.6 V; VI = 5.5 V
–
0.1
20
IOFF
Off current
VCC = 0 V; VI or VO = 0 V to 4.5 V
–
0.1
± 100
µA
Bus Hold current
VCC = 3 V; VI = 0.8 V
75
130
–
IHOLD
Bus Hold current
Data inputs7
VCC = 3 V; VI = 2.0 V
–75
–140
–
µA
Data in uts
VCC = 0 V to 3.6 V; VCC = 3.6 V
± 500
–
–
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5 V; VCC = 3.0 V
–
50
125
µA
IPU/PD
Power-up/down 3-State output
current3
VCC ≤ 1.2 V; VO = 0.5 V to VCC; VI = GND or VCC;
OE/OE = Don’t care
–
40
± 100
µA
ICCH
VCC = 3.6 V; Outputs HIGH; VI = GND or VCC;
IO = 0 mA
–
0.07
0.1
ICCL
Quiescent supply current
VCC = 3.6 V; Outputs LOW; VI = GND or VCC;
IO = 0 mA
–
3.6
5
mA
ICCZ
VCC = 3.6 V; Outputs disabled;
VI = GND or VCC, IO = 0 mA5
–
0.07
0.1
∆ICC
Additional supply current per
input pin2
VCC = 3 V to 3.6 V; One input at VCC – 0.6 V;
Other inputs at VCC or GND
–
0.04
0.4
mA
NOTES:
1. All typical values are at VCC = 3.3 V and Tamb = 25 °C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
3. This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 msec. From VCC = 1.2 V to VCC = 3.3 V ± 0.3 V
a transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25 °C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
7. This is the bus hold overdrive current required to force the input to the opposite logic state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com