Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN10H220LK3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN10H220LK3
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H220LK3 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN10H220LK3 Datasheet HTML 1Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 2Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 3Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 4Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 5Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 6Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN10H220LK3
Document number: DS39975 Rev. 3 - 2
2 of 7
www.diodes.com
April 2019
© Diodes Incorporated
DMN10H220LK3
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
TC = +25°C
TC = +100°C
ID
7.5
4.7
A
Maximum Body Diode Forward Current (Note 6)
IS
1.5
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
30
A
Pulsed Source Current (10µs Pulse, Duty Cycle = 1%)
ISM
30
A
Avalanche Current
L = 0.1mH
IAS
4.7
A
Avalanche Energy
L = 0.1mH
EAS
1.1
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TC = +25°C
PD
18.7
W
TC = +100°C
7.5
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
92
°C/W
Thermal Resistance, Junction to Case (Note 5)
RθJC
6.7
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
100
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 100V, VGS = 0V
Gate-Source Leakage
IGSS
 
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1
1.5
2.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
179
220
m
Ω
VGS = 10V, ID = 2A

228
250
m
Ω
VGS = 4.5V, ID = 1A
Diode Forward Voltage
VSD
0.8
1.3
V
VGS = 0V, IS = 2A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
384
pF
VDS = 25V, f = 1MHz,
VGS = 0V
Output Capacitance
Coss
23
Reverse Transfer Capacitance
Crss
17
Gate Resistance
RG

2.4

Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg

3.7

nC
VDD = 50V, ID = 1.6A
Total Gate Charge (VGS = 10V)
Qg

6.7

Gate-Source Charge
Qgs
1.3
Gate-Drain Charge
Qgd
2
Turn-On Delay Time
tD(ON)
6.2
ns
VDD = 50V, VGS = 4.5V,
RG = 6.8Ω, ID = 1.0A
Turn-On Rise Time
tR
8.7
Turn-Off Delay Time
tD(OFF)
7.4
Turn-Off Fall Time
tF

4.2

Body Diode Reverse Recovery Time
tRR
20
ns
IS = 1.1A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

11

nC
Notes:
5. Device mounted on infinite heatsink.
6. Device mounted on FR-4 substrate PC board, 2oz. copper, with minimum recommended pad layout.
7. Guaranteed by design. Not subject to production testing.
8. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com