Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6071T-E/OT Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP6071T-E/OT
Description  110 μA, High Precision Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6071T-E/OT Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP6071T-E/OT Datasheet HTML 16Page - Microchip Technology MCP6071T-E/OT Datasheet HTML 17Page - Microchip Technology MCP6071T-E/OT Datasheet HTML 18Page - Microchip Technology MCP6071T-E/OT Datasheet HTML 19Page - Microchip Technology MCP6071T-E/OT Datasheet HTML 20Page - Microchip Technology MCP6071T-E/OT Datasheet HTML 21Page - Microchip Technology MCP6071T-E/OT Datasheet HTML 22Page - Microchip Technology MCP6071T-E/OT Datasheet HTML 23Page - Microchip Technology MCP6071T-E/OT Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
MCP6071/2/4
DS20002142C-page 20
 2009-2021 Microchip Technology Inc. and its subsidiaries
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead SOIC (150 mil) (MCP6071, MCP6072)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6071E
SN^^ 1044
256
3
e
Example:
AHE
044
25
8-Lead 2x3 TDFN (MCP6071, MCP6072)
XXX
YWW
NN
5-Lead SOT-23 (MCP6071)
XXNN
Example:
YH25
Device
Marking
MCP6071
AHE
MCP6072
AHF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com