Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R41T Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP65R41T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R41T Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP65R41T Datasheet HTML 17Page - Microchip Technology MCP65R41T Datasheet HTML 18Page - Microchip Technology MCP65R41T Datasheet HTML 19Page - Microchip Technology MCP65R41T Datasheet HTML 20Page - Microchip Technology MCP65R41T Datasheet HTML 21Page - Microchip Technology MCP65R41T Datasheet HTML 22Page - Microchip Technology MCP65R41T Datasheet HTML 23Page - Microchip Technology MCP65R41T Datasheet HTML 24Page - Microchip Technology MCP65R41T Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 21
MCP65R41/6
4.0
APPLICATIONS INFORMATION
The MCP65R41/6 family of push-pull and open-drain
output comparators are fabricated on Microchip’s
state-of-the-art CMOS process. They are suitable for a
wide range of high-speed applications requiring low
power consumption.
4.1
Comparator Inputs
4.1.1
NORMAL OPERATION
The input stage of this family of devices uses three
differential input stages in parallel: one operates at low
input voltages, one at high input voltages, and one at
mid input voltages. With this topology, the input voltage
range is 0.3V above VDD and 0.3V below VSS, while
providing low offset voltage throughout the Common
mode range. The input offset voltage is measured at
both VSS - 0.3V and VDD + 0.3V to ensure proper
operation.
The MCP65R41/6 family has internally-set hysteresis
VHYST that is small enough to maintain input offset
accuracy, and large enough to eliminate the output
chattering caused by the comparator’s own input noise
voltage ENI. Figure 4-1 depicts this behavior. Input
offset voltage (VOS) is the center (average) of the
(input-referred) low-high and high-low trip points. Input
hysteresis voltage (VHYST) is the difference between
the same trip points.
FIGURE 4-1:
The MCP65R41/6
Comparators’ Internal Hysteresis Eliminates
Output Chatter Caused by Input Noise Voltage.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
The ESD protection on the inputs can be depicted as
shown in Figure 4-2. This structure was chosen to pro-
tect the input transistors, and to minimize the input bias
current (IB). The input ESD diodes clamp the inputs
when trying to go more than one diode drop below VSS.
They also clamp any voltages that go too far above
VDD; their breakdown voltage is high enough to allow a
normal operation, and low enough to bypass the ESD
events within the specified limits.
FIGURE 4-2:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these comparators, the circuit they are connected to
limit the currents (and voltages) at the VIN+ and VIN-
pins (see Absolute Maximum Ratings†). Figure 4-3
shows the recommended approach to protect these
inputs. The internal ESD diodes prevent the input pins
(VIN+ and VIN-) from going too far below ground, and
the resistors R1 and R2 limit the possible current drawn
out of the input pin. Diodes D1 and D2 prevent the input
pin (VIN+ and VIN-) from going too far above VDD.
When implemented as shown, resistors R1 and R2 also
limit the current through D1 and D2.
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
0
100
200
300
40 0
500
600
700
800
9 00
10 00
Time (100 ms/div)
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
VOUT
VIN-
Hysteresis
VDD = 5.0V
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com