Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV42 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BUV42
Description  SILICON NPN SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV42 Datasheet(HTML) 3 Page - STMicroelectronics

  BUV42 Datasheet HTML 1Page - STMicroelectronics BUV42 Datasheet HTML 2Page - STMicroelectronics BUV42 Datasheet HTML 3Page - STMicroelectronics BUV42 Datasheet HTML 4Page - STMicroelectronics BUV42 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
tr
ts
tf
RESISTIVE LOAD
Rise Time
Storage Time
Fall Time
VCC =200V
IC =6A
VBB =-5V
IB1 =0.75A
RB2 =3.3
Ω
Tp =30
µs
0. 3
1
0.15
0.4
1.6
0.3
µs
µs
µs
ts
tf
tt
tc
INDUCT IVE LOAD
Storage Time
Fall Time
Tail Time in Turn-on
Crossover Time
VCC =200V
Vcla mp = 250V
ICC =4A
IB =0.4A
VBB =-5V
RB2 =6.3
Ω
LC =2.5mH
1. 2
0.08
0.03
0.15
1.8
0.2
0.12
0.35
µs
µs
µs
µs
ts
tf
tt
tc
Storage Time
Fall Time
Tail Time in Turn-on
Crossover Time
VCC = 200V
Vcla mp = 250V
ICC =4A
IB =0.4A
VBB =-5V
RB2 =6.3
Ω
LC =2.5mH
Tj =100
o C
1. 8
0. 2
0.08
0. 4
2.4
0.4
0.2
0.7
µs
µs
µs
µs
ts
tf
tt
Storage Time
Fall Time
Tail Time in Turn-on
VCC =200V
Vcla mp = 250V
ICC =4A
IB =0. 5A
VBB =0
RB2 =7.5
Ω
LC =2.5mH
2. 5
0. 4
0.15
µs
µs
µs
ts
tf
tt
Storage Time
Fall Time
Tail Time in Turn-on
VCC =200V
Vcla mp = 250V
ICC =4A
IB =0.4A
VBB =0
RB2 =7.5
Ω
LC =2.5mH
Tj =100
o C
4. 8
0. 7
0. 4
µs
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle = 2%
BUV42
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com