Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU1424K Datasheet(PDF) 7 Page - Rohm

Part # BU1424K
Description  NTSC / PAL digital RGB encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1424K Datasheet(HTML) 7 Page - Rohm

Back Button BU1424K Datasheet HTML 3Page - Rohm BU1424K Datasheet HTML 4Page - Rohm BU1424K Datasheet HTML 5Page - Rohm BU1424K Datasheet HTML 6Page - Rohm BU1424K Datasheet HTML 7Page - Rohm BU1424K Datasheet HTML 8Page - Rohm BU1424K Datasheet HTML 9Page - Rohm BU1424K Datasheet HTML 10Page - Rohm BU1424K Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
Multimedia ICs
BU1424K
Pin No.
Pin name
Equivalent circuit
I / O
Function
2 ~ 8
10
GD (7: 0)
G data input pin for 24-bit RGB input.
Y data input pin for 16-bit YUV input.
11 ~ 14
17 ~ 20
BD (7: 0)
B data input pin for 24-bit RGB input.
U, V data input pins for 16-bit YUV
input.
Control pins used to select RGB (24-
bit), YUV (16-bit) or DAC Through as
the input mode.
16
CDGSWB
Switches the mode between Video-
CD (HIGH) and CD-G (LOW).
54 ~ 56
58 ~ 60
62.63
RD (7: 0)
R data input pin for 24-bit RGB input.
1
57
64
15
ROSD
GOSD
BOSD
OSDSW
OSD data input pin when using the
OSD function.
When the OSDSW pin is HIGH, input
to the ROSD, GOSD, and BOSD pins
takes precedence over RGB, and the
data is converted.
23
24
IM0
IM1
22
NTB
Switches the mode between NTSC
(LOW) and PAL (HIGH).
28
HSY
I
I
I
I
I
I
I
I / O
This is the horizontal synchronization
signal pin. Negative polarity HSYNC
signals are input (when SLABEB =
LOW) or output (when SLABEB =
HIGH) here. This is also used as the
synchronization signal for fixing the
PIXCLK output phase.
•Equivalent circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com