Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2273APVC-4 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2273APVC-4
Description  Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2273APVC-4 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2273APVC-4 Datasheet HTML 5Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 6Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 7Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 8Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 9Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 10Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 11Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 12Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CY2273A
9
Switching Characteristics for CY2273A-4[8]Over the Operating Range
Parameter
Output
Description
Test Conditions
Min.
Typ.
Max.
Unit
t1
All
Output Duty Cycle[9]
t1 = t1A ÷ t1B
45
50
55
%
t2
CPUCLK
CPU Clock Rising and
Falling Edge Rate
Between 0.4V and 2.0V, VDDCPU = 2.5V 0.75
1.0
4.0
V/ns
t2
SDRAM
PCI, REF0,
USB
SDRAM, PCI, REF0,
USB Clock Rising and
Falling Edge Rate
Between 0.4V and 2.4V
0.85
1.0
4.0
V/ns
t3
CPUCLK
CPU Clock Rise Time
Between 0.4V and 2.0V, VDDCPU = 2.5V
0.4
2.13
ns
t4
CPUCLK
CPU Clock Fall Time
Between 2.0V and 0.4V, VDDCPU = 2.5V
0.4
2.13
ns
t5
CPUCLK
CPU-CPU Clock Skew
Measured at 1.25V
100
250
ps
t6
CPUCLK,
PCICLK
CPU-PCI Clock Skew
Measured at 1.25V for 2.5V clocks, and
at 1.5V for 3.3V clocks
1200
ps
t7
CPUCLK,
SDRAM
CPU-SDRAM Clock
Skew
Measured at 1.25V for 2.5V clocks, and
at 1.5V for 3.3V clocks
650
ps
t8
PCICLK,
PCICLK
PCI-PCI Clock Skew
Measured at 1.5V
500
ps
t10
CPUCLK,
Cycle-Cycle Clock Jitter
Measured at 1.25V, VDDCPU = 2.5V
650
ps
t10
SDRAM
Cycle-Cycle Clock Jitter
Measured at 1.5V
650
ps
t10
PCICLK
Cycle-Cycle Clock Jitter
Measured at 1.5V
1200
ps
t11
CPUCLK,
PCICLK,
SDRAM
Power-up Time
CPU, PCI, AGP, and SDRAM clock sta-
bilization from power-up
3
ms
Timing Requirement for the I2C Bus
Parameter
Description
Min.
Max.
Unit
t12
SCLK Clock Frequency
0
100
kHz
t13
Time the bus must be free before a new transmission can start
4.7
µs
t14
Hold time start condition. After this period the first clock pulse is generated.
4
µs
t15
The Low period of the clock.
4.7
µs
t16
The High period of the clock.
4
µs
t17
Set-up time for start condition. (Only relevant for a repeated start condition.)
4.7
µs
t18
Hold time DATA
for CBUS compatible masters.
for I2C devices
5
0
µs
t19
DATA input set-up time
250
ns
t20
Rise time of both SDATA and SCLK inputs
1
µs
t21
Fall time of both SDATA and SCLK inputs
300
ns
t22
Se-up time for stop condition
4.0
µs
Switching Waveforms
Duty Cycle Timing
t1A
t1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com