Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1211STR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1211STR
Description  High Speed, Combi-SenseTM Synchronous MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1211STR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1211STR Datasheet HTML 3Page - Semtech Corporation SC1211STR Datasheet HTML 4Page - Semtech Corporation SC1211STR Datasheet HTML 5Page - Semtech Corporation SC1211STR Datasheet HTML 6Page - Semtech Corporation SC1211STR Datasheet HTML 7Page - Semtech Corporation SC1211STR Datasheet HTML 8Page - Semtech Corporation SC1211STR Datasheet HTML 9Page - Semtech Corporation SC1211STR Datasheet HTML 10Page - Semtech Corporation SC1211STR Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
© 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1211
Applications Information (Cont.)
Filters for Supply Power
For VREG pin of the SC1211, it is recommended to use
a 1uF to 4.7uF, 25V rating ceramic capacitor for
decoupling.
LAYOUT GUIDELINES
The switching regulator is a high di/dt power circuit. Its
Printed Circuit Board (PCB) layout is critical. A good lay-
out can achieve an optimum circuit performance while
minimized the component stress, resulting in better sys-
tem reliability. For a multi-phase voltage regulator, the
SC1211 driver, FETs, inductor, and supply decoupling
capacitors in each phase have to be considered as a
whole during PCB layout. Refer to Semtech SC2643VX/
SC1211 EVB Layout Guideline.
For the SC1211 driver, the following guidelines are typi-
cally recommended during PCB layout:
1. Place the SC1211 close to the FETs for shortest gate
drive traces and ground return paths.
2. Connect bypass capacitors as close as possible to
decoupling pins (VREG and VIN) and PGND. The trace
length of the decoupling capacitor on VREG pin should
be no more than 0.2” (5mm).
3. Locate the components of the bootstrap circuit close
to the SC1211.
SOLDERING CONSIDERATION
The exposed die pad of the SC1211 is used for ground
Solder Pad
Solder Mask
Vias
Copper
return and thermal release of the driver. The pad must
be soldered to the ground plane that is further connected
to the system ground in the inner layer through multiple
vias. For better electrical and thermal performance, it is
recommended to use all copper available under the driver
as the ground plane, and place the vias as close as pos-
sible to the solder pad. Meanwhile, the vias have to be
masked out to prevent solder leakage during reflow. The
layout arrangement is detailed in the above figure, which
also can be found in the “Land Pattern – Power SOIC-8”
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com